Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL5233B Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # DL5233B
Description  GLASS SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

DL5233B Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  DL5233B Datasheet HTML 1Page - HY ELECTRONIC CORP. DL5233B Datasheet HTML 2Page - HY ELECTRONIC CORP. DL5233B Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Voltage Range:3.6V to 51V
Double slug type construction
MECHANICAL DATA
Case: Glass case Minimelf DL-35
Terminals:Solder plated ,solderable per
MIL-STD-750,Method 2026
Polarity: Color band denotes cathode end
Mounting position : Any
Weight:
0.05 gram Approx
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
Zener Current see Table "Characterisitics"
Power Dissipation at Tamb=25℃
ptot
mW
Junction Temperature
Tj
Storage Temperature Range
Tstg
K/mW
Thermal Resistance
-
Typ
Junction to Ambient Air
-
Min
0.3(1)
Max
Volts
Forward Voltage
Typ
at IF=100mA
Min
Max
1)Valid Provided that leads are kept at ambient tempeature at a distance of 8 mm from case
~ 396 ~
RthA
Vf
1
NOTES:Suffix "B" indicates Zener Voltage Tolerance 5%
DL5227B thru DL5262B
-
VALUE
500(1)
GLASS SILICON ZENER DIODES
-
175
-55 to +175
DL - 35
.055(1.4)
.063(1.6)
.020(0.5)
.012(0.3)
.012(0.3)
.020(0.5)
.146(3.7)
.130(3.3)


Similar Part No. - DL5233B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL5233B DCCOM-DL5233B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Shanghai Shunye Electro...
DL5233B SY-DL5233B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
DL5233B CHENDA-DL5233B Datasheet
147Kb / 3P
   ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
logo
Shanghai Shunye Electro...
DL5233B SHUNYE-DL5233B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Micro Commercial Compon...
DL5233B MCC-DL5233B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Similar Description - DL5233B

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
1N5221B HY-1N5221B Datasheet
35Kb / 3P
   GLASS SILICON ZENER DIODES
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Continental Device Indi...
BZX79C2V4 CDIL-BZX79C2V4 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com