Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K24C160-SETG-A Datasheet(PDF) 11 Page - Estek Electronics Co. Ltd

Part # K24C160-SETG-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C160-SETG-A Datasheet(HTML) 11 Page - Estek Electronics Co. Ltd

Back Button K24C160-SETG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 11Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 12Page - Estek Electronics Co. Ltd K24C160-SETG-A Datasheet HTML 13Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
R O M
Bus Timing
¡Figure 10: SCL: Serial Clock, SDA: Serial Data I/O
Write Cycle Timing
¡Figure 11: SCL: Serial Clock, SDA: Serial Data I/O
Note
1. The write cycle time tWR is the time from a valid stop condition
of a write sequence to the end of the internal clear/write cycle.
SCL
SDA_IN
SDA_OUT
tF
tLOW
tSU.STA
tHD.STA
tAA
tDH
tBUF
tSU.STO
tR
tHD.DAT
tSU.DAT
tHIGH
tLOW
8th BIT
SCL
SDA
ACK
STOP
CONDITION
START
CONDITION
tWR(1)
11
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16


Similar Part No. - K24C160-SETG-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C16 ETC1-K24C16 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
K24C16B ETC-K24C16B Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
V1.3
More results

Similar Description - K24C160-SETG-A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
   available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
   Lead-Free 2 mm 8-Lead PDFN Package
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com