Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # NE555
Description  monolithic timing circuits capable of producing accurate time delays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

NE555 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  NE555 Datasheet HTML 1Page - Estek Electronics Co. Ltd NE555 Datasheet HTML 2Page - Estek Electronics Co. Ltd NE555 Datasheet HTML 3Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NE555
Function Table
Reset
Trigger Voltage *
Threshold Voltage *
Output
Discharge Switch
Low
Irrelevant
Irrelevant
Low
On
High
< 1/3 VCC
High
High
Off
High
> 1/3 VCC
> 2/3 VCC
Low
On
High
> 1/3 VCC
< 2/3 VCC
As previously established
* Voltage levels shown are nominal
Typical Applications Circuit
Figure 1 Circuit for astable operation
Figure 2. Circuit for monostable operation
NOTE A: Bypassing the control voltage input to ground with a capacitor may improve operation. This should
be evaluated
for individual
applications.
Ordering Information
O R DER I N
NU M B ER
P AC K A E
M AR K I N
NE555
DIP - 8 / SOP - 8
NE555
Address :
6A06--6A07
Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Postalcode:100039
Tel: 86-010-58895780 / 81 / 82 / 83 / 84
Fax : 010-58895793
Http://www.estek.com.cn
Email:sales@estek.com.cn
REV No:01-060823
3
BEIJING ESTEK ELECTRONICS CO.,LTD
G
G
G


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
   SINGLE TIMER
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA555 TI1-NA555 Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
logo
Exar Corporation
XR-320 EXAR-XR-320 Datasheet
438Kb / 5P
   Monolithic Timing Circuit
logo
Toshiba Semiconductor
TLOH157P TOSHIBA-TLOH157P Datasheet
384Kb / 7P
   Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
Advanced Power Electron...
AP9T15GH-HF A-POWER-AP9T15GH-HF_16 Datasheet
63Kb / 5P
   Capable of 2.5V Gate Drive
logo
Xilinx, Inc
DS119 XILINX-DS119 Datasheet
103Kb / 7P
   High-speed pin-to-pin delays of 10 ns
XCR3128A XILINX-XCR3128A Datasheet
251Kb / 17P
   High-speed pin-to-pin delays of 7.5 ns
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com