Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # NE555
Description  monolithic timing circuits capable of producing accurate time delays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

NE555 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  NE555 Datasheet HTML 1Page - Estek Electronics Co. Ltd NE555 Datasheet HTML 2Page - Estek Electronics Co. Ltd NE555 Datasheet HTML 3Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NE555
Description
These devices are monolithic timing circuits capable of producing
accurate time delays
or oscillation.
Inthe time delay mode of operation, the timed interval is controll ed by a single external resistor and capacit
or netw ork. In the astable mode of operation, the frequency and duty
cy cle may be independently
controlled wi th two external resistors and a si ngle external capacitor.
Features
Timing from Microseconds to Hours
Astable or Monostable Operation
Adjustable Duty Cycle
TTL - Compatible Output Can Sink or Source Up to 200 mA
Temperature Stability
of 0.005% per oC
Direct Replacement for Signetics NE555 Timer
DIP-8
SOP-8
P ack age
Applications
Precision timing
Pulse generation
Sequential timing
Time delay generation
Pulse w idth modulation
Pulse position modulation
Missing pulse detector
Pin Configuration
TOP VIEW
Internal Block Digram
RESET can override TRIGGER, which can override
THRESHOLD
1
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
   SINGLE TIMER
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA555 TI1-NA555 Datasheet
1Mb / 30P
[Old version datasheet]   Precision timing circuits capable of producing accurate time delays or oscillation
logo
Exar Corporation
XR-320 EXAR-XR-320 Datasheet
438Kb / 5P
   Monolithic Timing Circuit
logo
Toshiba Semiconductor
TLOH157P TOSHIBA-TLOH157P Datasheet
384Kb / 7P
   Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
Advanced Power Electron...
AP9T15GH-HF A-POWER-AP9T15GH-HF_16 Datasheet
63Kb / 5P
   Capable of 2.5V Gate Drive
logo
Xilinx, Inc
DS119 XILINX-DS119 Datasheet
103Kb / 7P
   High-speed pin-to-pin delays of 10 ns
XCR3128A XILINX-XCR3128A Datasheet
251Kb / 17P
   High-speed pin-to-pin delays of 7.5 ns
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com