Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5117ASG Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # SE5117ASG
Description  Efficient linear voltage regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

SE5117ASG Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  SE5117ASG Datasheet HTML 1Page - Estek Electronics Co. Ltd SE5117ASG Datasheet HTML 2Page - Estek Electronics Co. Ltd SE5117ASG Datasheet HTML 3Page - Estek Electronics Co. Ltd SE5117ASG Datasheet HTML 4Page - Estek Electronics Co. Ltd SE5117ASG Datasheet HTML 5Page - Estek Electronics Co. Ltd SE5117ASG Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
Features
SE5117
The
SE5117
is
an
efficient
linear
voltage regulator. It has extra low dropout voltage.
At light loads the typical dropout voltage is 5.5mV,
and at full load the typical dropout voltage is
650mV. The output voltage accuracy is better than
2%.
The SE5117 has low ground current, so it can
help prolong battery life. The SE5117 is specially
designed for hand-held, battery-powered devices.
Pin Configuration
Typical 90mV dropout voltage at 150mA.
Guaranteed 1A output over the full operating
temperature range.
650mV typical dropout voltage at full load.
Extremely tight load and line regulation.
Low temperature coefficient.
Current and thermal limiting.
No-load stability.
Standard SOT-223 package.
Front View
Application
Active SCSI terminators.
Post regulators for switching supplies.
Battery chargers.
1
2
3
SOT-223
High-efficiency linear power supplies.
Computer motherboard, display, graphic card
DC/DC converter, such as 3.3V to 2.8V or 3.3V
to 2.5V.
Ordering Information
SE5117 _ _ _
PIN (1=>3): 1. G: OUT/GND/IN
Application Diagram
Package Type: 1. S: SOT-
223
5V
C0
Vin
M0
Vout
C1
R2
3.3V
Output Voltage: 1. A: VOUT = 3.3V
2. B: VOUT = 2.8V
3. C: VOUT = 2.5V
C=10u
gnd
1.25V Ref
Control
Logic
Over Current
Protection
Thermal
Protection
C=10u
rload
gnd
4. D: VOUT = 1.8V
5. E: VOUT = 1.5V
6. F: VOUT = 3.0V
gnd
1
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - SE5117ASG

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
More results

Similar Description - SE5117ASG

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
7809 SS-7809 Datasheet
481Kb / 5P
   Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
   Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
   Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
   Linear Voltage Regulator
logo
Solid States Devices, I...
LA0005E SSDI-LA0005E Datasheet
205Kb / 3P
   Linear Voltage Regulator
LA0011B SSDI-LA0011B_15 Datasheet
189Kb / 3P
   Linear Voltage Regulator
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
   Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com