Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5540B Datasheet(PDF) 4 Page - Intersema Sensoric SA

Part # MS5540B
Description  MINIATURE BAROMETER MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5540B Datasheet(HTML) 4 Page - Intersema Sensoric SA

  MS5540B Datasheet HTML 1Page - Intersema Sensoric SA MS5540B Datasheet HTML 2Page - Intersema Sensoric SA MS5540B Datasheet HTML 3Page - Intersema Sensoric SA MS5540B Datasheet HTML 4Page - Intersema Sensoric SA MS5540B Datasheet HTML 5Page - Intersema Sensoric SA MS5540B Datasheet HTML 6Page - Intersema Sensoric SA MS5540B Datasheet HTML 7Page - Intersema Sensoric SA MS5540B Datasheet HTML 8Page - Intersema Sensoric SA MS5540B Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DA5540B_007
September 25th, 2006
4
00005540767 ECN 865
ELECTRICAL CHARACTERISTICS
DIGITAL INPUTS
(T = -40°C .. 85°C, VDD = 2.2 V .. 3.6 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
80% VDD
100% VDD
V
Input Low Voltage
VIL
0% VDD
20% VDD
V
Signal Rise Time
tr
200
ns
Signal Fall Time
tf
200
ns
DIGITAL OUTPUTS
(T = -40°C .. 85°C, VDD = 2.2 V .. 3.6 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output High Voltage
VOH
Isource = 0.6 mA
75% VDD
100% VDD
V
Output Low Voltage
VOL
Isink = 0.6 mA
0% VDD
20% VDD
V
Signal Rise Time
tr
200
ns
Signal Fall Time
tf
200
ns
AD-CONVERTER
(T = -40°C .. 85°C, VDD = 2.2 V .. 3.6 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
15
Bit
Linear Range
0
40000
LSB
Conversion Time
MCLK = 32.768
kHz
35
ms
INL
Within linear
range
-4
+4
LSB


Similar Part No. - MS5540B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5540-CM INTERSEMA-MS5540-CM Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
TE Connectivity Ltd
MS5540C TEC-MS5540C Datasheet
366Kb / 20P
   6 coefficients for software compensation stored on-chip
More results

Similar Description - MS5540B

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
   BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
   Miniature I2C Digital Barometer
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
   BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
   BAROMETER MODULE
logo
List of Unclassifed Man...
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
   BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2_10 Datasheet
216Kb / 8P
   Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1_13 Datasheet
331Kb / 16P
   Miniature SPI Digital Barometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com