Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9744ARZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9744ARZ1
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARZ1 Datasheet(HTML) 4 Page - Analog Devices

  AD9744ARZ1 Datasheet HTML 1Page - Analog Devices AD9744ARZ1 Datasheet HTML 2Page - Analog Devices AD9744ARZ1 Datasheet HTML 3Page - Analog Devices AD9744ARZ1 Datasheet HTML 4Page - Analog Devices AD9744ARZ1 Datasheet HTML 5Page - Analog Devices AD9744ARZ1 Datasheet HTML 6Page - Analog Devices AD9744ARZ1 Datasheet HTML 7Page - Analog Devices AD9744ARZ1 Datasheet HTML 8Page - Analog Devices AD9744ARZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9744
Rev. B | Page 4 of 32
DYNAMIC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly
terminated, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
210
MSPS
Output Settling Time (tST) (to 0.1%)1
11
ns
Output Propagation Delay (tPD)
1
ns
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)1
2.5
ns
Output Fall Time (10% to 90%)1
2.5
ns
Output Noise (IOUTFS = 20 mA)2
50
pA/√Hz
Output Noise (IOUTFS = 2 mA)2
30
pA/√Hz
Noise Spectral Density3
−155
dBm/Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
0 dBFS Output
77
90
dBc
−6 dBFS Output
87
dBc
−12 dBFS Output
82
dBc
−18 dBFS Output
82
dBc
fCLOCK = 65 MSPS; fOUT = 1.00 MHz
85
dBc
fCLOCK = 65 MSPS; fOUT = 2.51 MHz
84
dBc
fCLOCK = 65 MSPS; fOUT = 10 MHz
80
dBc
fCLOCK = 65 MSPS; fOUT = 15 MHz
75
dBc
fCLOCK = 65 MSPS; fOUT = 25 MHz
74
dBc
fCLOCK = 165 MSPS; fOUT = 21 MHz
73
dBc
fCLOCK = 165 MSPS; fOUT = 41 MHz
60
dBc
fCLOCK = 210 MSPS; fOUT = 41 MHz
68
dBc
fCLOCK = 210 MSPS; fOUT = 69 MHz
64
dBc
Spurious-Free Dynamic Range Within a Window
fCLOCK = 25 MSPS; fOUT = 1.00 MHz; 2 MHz Span
84
90
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz; 2 MHz Span
90
dBc
fCLOCK = 65 MSPS; fOUT = 5.03 MHz; 2.5 MHz Span
87
dBc
fCLOCK = 125 MSPS; fOUT = 5.04 MHz; 4 MHz Span
87
dBc
Total Harmonic Distortion
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
−86
−77
dBc
fCLOCK = 50 MSPS; fOUT = 2.00 MHz
−77
dBc
fCLOCK = 65 MSPS; fOUT = 2.00 MHz
−77
dBc
fCLOCK = 125 MSPS; fOUT = 2.00 MHz
−77
dBc
Signal-to-Noise Ratio
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
82
dB
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
88
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
77
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
78
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
70
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
70
dB
fCLOCK = 210 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
74
dB
fCLOCK = 210 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
67
dB


Similar Part No. - AD9744ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9744ARZ AD-AD9744ARZ Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ARZRL AD-AD9744ARZRL Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results

Similar Description - AD9744ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
   14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9760ARZ AD-AD9760ARZ Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARUZ AD-AD9760ARUZ Datasheet
413Kb / 23P
   10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
logo
Renesas Technology Corp
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5961 INTERSIL-ISL5961_04 Datasheet
682Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Analog Devices
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com