Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS53B Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SS53B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS53B Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SS53B Datasheet HTML 1Page - HY ELECTRONIC CORP. SS53B Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-Semiconductor junction with gard ring
Epitaxial construction
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low vlotage, high frequency inverters,
MECHANICAL DATA
Case: Molded Plastic
Polarity:Color band denotes cathode
Weight: 0.003 ounces,0.093 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
SS52B
SS53B
SS54B
SS55B
SS56B
SS58B
SS510B
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
0.375″(9.5mm) Lead Lengths
@TL=95 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
0.45
0.55
0.6
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJA
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
~ 173 ~
A
A
mA
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
0.7
500
IR
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIERS
2.Thermal resistance junction to ambient,
-55 to +150
-55 to +150
50
SS52B thru SS510B
REVERSE VOLTAGE - 20 to 100 Volts
FORWARD CURRENT - 5.0 Amperes
350
10
0.85
free wheeling, and polarity protection applications
15
I(AV)
IFSM
5.0
150
1.0
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)
SMB


Similar Part No. - SS53B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS53B YANGJIE-SS53B Datasheet
148Kb / 2P
   Schottky Rectifier
logo
SAMYANG ELECTRONICS CO....
SS53B SAMYANG-SS53B Datasheet
966Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
SS53B FRONTIER-SS53B Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
SS53B RFE-SS53B Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
10-24-2022
logo
Shenzhen Luguang Electr...
SS53B LUGUANG-SS53B Datasheet
597Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS53B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com