Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS32B Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. SS32B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

SS32B Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
SS32B thru SS310B
~ 168 ~
LEAD TEMPERATURE ℃
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
0.01
0.001
0
20
40
60
80
100
120
140
TJ=125
TJ=25
TJ=100
FIG. 1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
4.0
1.0
0
5.0
3.0
2.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
REVERSE VOLTAGE,VOLTS
FIG.4-TYPICAL JUNCTION CAPACITANCE
0.1
1000
100
10
1.0
4.0
10.0
100
TJ=25f=1MHZ
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
120
20
0
80
100
60
40
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
1.0
0.1
10
0.1
0.3
0.9
0.5
1.1
1.7
0
0.7
1.3
1.5
20
SS35A -SS36A
SS33A
SS34A
SS38A -SS310A
SS32A
TJ = 25
°C
PULSE WIDTH 300us
1% DUTY CYCLE


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SB1020DC_05D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Pan Jit International Inc.
SD320YS_03SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Pan Jit International Inc.
SS32ASURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 HY ELECTRONIC CORP.
MBRS2535CT_125 AMPS. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SK12B_11.0 AMP. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SS12_11.0 AMP. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SD320YT_03SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Pan Jit International Inc.
SK22A_12.0 AMPS. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SS12L_11.0 AMP. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SD520S_03SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Pan Jit International Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn