Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE11CA Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # P4KE11CA
Description  GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

P4KE11CA Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  P4KE11CA Datasheet HTML 1Page - HY ELECTRONIC CORP. P4KE11CA Datasheet HTML 2Page - HY ELECTRONIC CORP. P4KE11CA Datasheet HTML 3Page - HY ELECTRONIC CORP. P4KE11CA Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERTIC CURVES
P4KE SERIES
~ 196 ~
TL, LEAD TEMPERATURE
FIG.4-STEADY STATE POWER
DERATING CURVE
10
8
6
4
2
0
25
50
75
100
125
150
175
200
60Hz RESISTIVE OR
INDUCTIVE LOAD
REVERSE VOLTAGE,VOLTS
FIG.2-TYPICAL JUNCTION CAPACITANCE
1
100
10000
1000
100
10
4
10
1000
MEASURED AT
TJ=25
STAND-OFF VOLTAGE
TP, PULSE WIDTH
FIG.3-PULSE RATING CURVE
TA=25,
SHOWN IN FIG.5
NON-REPETIVE PULSE WAVE FORM
0.1us
100
10
1.0
0.1
1.0us
10us
100us
1.0ms
10ms
TA AMBIENT TEMPERATURE,℃
FIG.1-PULSE DERATING CURVE
10*1000 WAVEFORM
AS DEFINED BY R.E.A
50
0
100
75
25
25
50
75
100
125 150
175
200
0
T, TIME (ms)
FIG.5 -PULSE WAVEFORM
TR=10us
Peak value(IRSM)
Half value =
2
IRSM
Pulse with (Tp) is defined
as that point where the
peak current decays to
50% of IRSM
10*1000waveform as
defined by R.E.A
TJ
=25
TP
100
50
0
1.0
2.0
3.0
4.0
0


Similar Part No. - P4KE11CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE11CA PANJIT-P4KE11CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Yangzhou yangjie electr...
P4KE11CA YANGJIE-P4KE11CA Datasheet
2Mb / 7P
   Transient Voltage Suppressor Diodes
logo
CHENG-YI ELECTRONIC CO....
P4KE11CA CHENG-YI-P4KE11CA Datasheet
126Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE11CA UNSEMI-P4KE11CA Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
P4KE11CA LUGUANG-P4KE11CA Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE11CA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
5KP HY-5KP Datasheet
46Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P6KE HY-P6KE Datasheet
44Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
1.5KE HY-1.5KE Datasheet
46Kb / 4P
   GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE10C HY-P4KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KEG HY-P4KEG Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1.5KE HY-1.5KE_1 Datasheet
112Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com