Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K24C32-S-ERG-A Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # K24C32-S-ERG-A
Description  available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C32-S-ERG-A Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  K24C32-S-ERG-A Datasheet HTML 1Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 2Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 3Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
O M
Pin Descriptions
DEVICE/PAGE ADDRESSES (A2, A1 and A0): The A2, A1 and A0 pins are device address inputs that are hard
wired for the 24C32/ 24C64. Eight 32K/64K devices may be addressed on a single bus system (device addressing is
discussed in detail under the Device Addressing section).
SERIAL DATA (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be
wire-ORed with any number of other open-drain or open- collector devices.
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative
edge clock data out of each device.
WRITE PROTECT (WP): The 24C32/ 24C64 has a Write Protect pin that provides hardware data protection. The
Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is
connected to VCC, the write protection feature is enabled and operates as shown in the following Table 2.
Memory Organization
24C32, 32K SERIAL EEPROM: Internally organized with 128 pages of 32 bytes each, the 32K requires an 12-bit
data word address for random word addressing.
24C64, 64K SERIAL EEPROM: Internally organized with 256 pages of 32 bytes each, the 64K requires a 13-bit
data word address for random word address
¡Table 2: Write Protect
WP Pin Status
Part of the Array Protected
24C64
Full (64K) Array
24C32
Full (32K) Array
Normal Read / Write Operations
At VCC
At GND
3
24C32 / 24C64
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - K24C32-S-ERG-A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
K24C ONSEMI-K24C Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
logo
List of Unclassifed Man...
K24C02 ETC1-K24C02 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
logo
Estek Electronics Co. L...
K24C020-DCR-A ESTEK-K24C020-DCR-A Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
K24C020-DCR-S ESTEK-K24C020-DCR-S Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
K24C020-DCRG-A ESTEK-K24C020-DCRG-A Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
More results

Similar Description - K24C32-S-ERG-A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
Texas Instruments
LM2674 TI-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   Efficiency up to 96%, Available in SOIC-8, 8-Pin PDIP and WSON
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com