Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K24C32-S-ERG-A Datasheet(PDF) 8 Page - Estek Electronics Co. Ltd

Part # K24C32-S-ERG-A
Description  available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C32-S-ERG-A Datasheet(HTML) 8 Page - Estek Electronics Co. Ltd

Back Button K24C32-S-ERG-A Datasheet HTML 4Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 11Page - Estek Electronics Co. Ltd K24C32-S-ERG-A Datasheet HTML 12Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
P R O M
¡Figure 7: Current Address Read
¡Figure 8: Random Read
¡Figure 9: Sequential Read
SDA LINE
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
N
O
A
C
K
S
T
O
P
R
E
A
D
DATA
SDA LINE
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
A
C
K
1st, 2nd WORD
ADDRESS(n)
W
R
I
T
E
S
T
A
R
T
M
S
B
DEVICE
ADDRESS
L
S
B
R
/
W
A
C
K
N
O
A
C
K
S
T
O
P
R
E
A
D
DATA( n )
DUMMY WRITE
DEVICE
ADDRESS
R
/
W
A
C
K
DATA( n )
A
C
K
A
C
K
DATA( n+1 )
DATA( n+2 )
R
E
A
D
SDA LINE
A
C
K
N
O
A
C
K
S
T
O
P
DATA( n+x )
8
24C32 / 24C64
BEIJING ESTEK ELECTRONICS CO.,LTD


Similar Part No. - K24C32-S-ERG-A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
K24C ONSEMI-K24C Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
logo
List of Unclassifed Man...
K24C02 ETC1-K24C02 Datasheet
1Mb / 20P
   Two-wire Serial EEPROM
logo
Estek Electronics Co. L...
K24C020-DCR-A ESTEK-K24C020-DCR-A Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
K24C020-DCR-S ESTEK-K24C020-DCR-S Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
K24C020-DCRG-A ESTEK-K24C020-DCRG-A Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
More results

Similar Description - K24C32-S-ERG-A

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Analog Devices
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
   2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
Texas Instruments
LM2674 TI-LM2674 Datasheet
1Mb / 32P
[Old version datasheet]   Efficiency up to 96%, Available in SOIC-8, 8-Pin PDIP and WSON
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com