Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL914 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # LL914
Description  FAST SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

LL914 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  LL914 Datasheet HTML 1Page - HY ELECTRONIC CORP. LL914 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High reliability
High conductance
Fast switching speed (trr
≤4ns)
APPLICATIONS
CONSTRUCTION
Silicon epitaxial planar
ABSOLUTE MAXIMUM RATING (TJ=25℃)
Parameter
Non repetitive peak reverse voltage
Repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
RMS reverse voltage
Forward current
Power dissipation
Storge temperature range
MAXIMUM THERMAL RESISTANCE
(TJ=25℃)
Parameter
Junction ambient
ELECTRICAL CHARACTERISTICS
TJ=25℃
Parameter
Symbol
Min
Typ
Max
Unit
Forward voltage
VF
1
V
IR
25
nA
IR
50
uA
IR
5
uA
Breakdown voltage
VR
100
V
Diode capacitance
CD
4
pF
Reverse recovery time
trr
4
ns
~ 421 ~
FAST SWITCHING DIODE
Dimensions in inches and (millimeters)
LL914
VRM
100
V
Symbol
Value
Unit
V
VRWM
75
V
VRRM
75
VR
75
A
200
VR(RMS)
53
V
mA
V
IF
300
K/W
I=4mm TL=constant
Test Conditions
RthJA
Symbol
Value
Unit
I=4mm TL=25℃
For general purpose swiching applications
Test Conditions
Half wave rectification with resistive
load and f>50MHz
4
A
1
mA
500
mW
TsTg
-65 ~ +175
300
Peak reverse current
VR=75V
Average rectified current
t=1us
t=1s
IFSM
IFAV
Non repetitive peak forward surge current
Pd
IFSM
IR=100uA
VR=0, f=1MHZ
IF=10mA to IR=1mA,VR=6V,RL=100Ω
Test Conditions
IF=10mA
VR=20V
VR=20V, Tj=150
DL - 35
.055(1.4)
.063(1.6)
.020(0.5)
.012(0.3)
.012(0.3)
.020(0.5)
.146(3.7)
.130(3.3)


Similar Part No. - LL914

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL914 SEMTECH_ELEC-LL914 Datasheet
113Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Pan Jit International I...
LL914 PANJIT-LL914 Datasheet
87Kb / 3P
   SWITCHING DIODES
logo
Nanjing International G...
LL914 DGNJDZ-LL914 Datasheet
65Kb / 1P
   Silicon Epitaxial Planar Switching Diode
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Taiwan Semiconductor Co...
LL914B TSC-LL914B Datasheet
69Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results

Similar Description - LL914

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com