Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7G-434-075 Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # R7G-434-075
Description  FM 433MHz Narrow Band
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

R7G-434-075 Datasheet(HTML) 7 Page - rfsolutions.ltd

  R7G-434-075 Datasheet HTML 1Page - rfsolutions.ltd R7G-434-075 Datasheet HTML 2Page - rfsolutions.ltd R7G-434-075 Datasheet HTML 3Page - rfsolutions.ltd R7G-434-075 Datasheet HTML 4Page - rfsolutions.ltd R7G-434-075 Datasheet HTML 5Page - rfsolutions.ltd R7G-434-075 Datasheet HTML 6Page - rfsolutions.ltd R7G-434-075 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DS307-7 Oct 05
©2004 REG No 277 4001, England.
Page 7
FM 433MHz Narrow Band
T7 / R7
T7G / R7G
CE
31.5 mm
10.5 mm
3.0 mm
20.32 mm
12
34
5
Pin spacings 2.54 mm
Pin Dia 0.5mm
All dimensions +/- 0.5mm
1.5mm
3.5mm
T7 / T7G
R7 / R7G
12
3 4 5 6 7
30.48mm
pin spacing 2.54mm
17mm
48mm
4.65mm
Pin spacings 2.54 mm
Pin Dia 0.5mm
pin 1 is 2.33mm f rom edge of module
All dimensions +/- 0.5mm
8.30mm
Reducing Power to 10mW
If the T7G transmitter will be used with an efficient
antenna in countries where only 10mW radiated
power is allowed, then a simple resistive network
on the output of the module will attenuate the
power down to this level.
When laying out this network, keep all tracks as
short as possible, especially ground paths and
use 50 ohm track impedances when connecting to
and from this network. This impedance can be
realised on 1.6mm FR4 pcb by using a track width
of 2.5mm.
RSSI Values
The R7 / R7G receiver RSSI outputs provide a DC
output proportional to the RF signal. The table
below shows the typical RSSI value depending on
the Signal strength.
RF Signal
Strength/dBm
R7 (V)
GR7 (V)
-130
1.03
1.25
-120
1.06
1.32
-110
1.16
1.46
-100
1.34
1.69
-90
1.59
1.96
-80
1.78
2.2
-70
1.81
2.47
-60
1.81
2.5
-50
2.17
2.5
-40
2.45
-
-30
2.52
-
-20
2.52
-
Notice that the region between –80 to –60 is with
the receiver agc operating. If required, a receiver
version with agc disabled can be provided as a
factory Pre-set option. This would linear-rise the
RSSI curve.
Mechanical Dimensions
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E. Sussex. BN8 6JL, England
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. With
respect to the accuracy of such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
T7B
TO
ANTENNA
12
34
5
Circuit Diagram
22ohm
220 ohm
220 ohm


Similar Part No. - R7G-434-075

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R7G-SC-SHL-R MSYSTEM-R7G-SC-SHL-R Datasheet
298Kb / 6P
   Remote I/O R7 Series GATEWAY MODULE
R7G-SC-SHL-R/Q MSYSTEM-R7G-SC-SHL-R/Q Datasheet
298Kb / 6P
   Remote I/O R7 Series GATEWAY MODULE
R7G-SC-SHL1-R MSYSTEM-R7G-SC-SHL1-R Datasheet
298Kb / 6P
   Remote I/O R7 Series GATEWAY MODULE
R7G-SC-SHL1-R/Q MSYSTEM-R7G-SC-SHL1-R/Q Datasheet
298Kb / 6P
   Remote I/O R7 Series GATEWAY MODULE
More results

Similar Description - R7G-434-075

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
QBT37-434.075 RFSOLUTIONS-QBT37-434.075 Datasheet
103Kb / 7P
   433MHz Narrow Band Radio Transmitter & Receivers
TRXQ1 RFSOLUTIONS-TRXQ1 Datasheet
351Kb / 12P
   FM NARROW BAND TRANSCEIVERS
logo
Radiometrix Ltd
BIM2A RADIOMETRIX-BIM2A Datasheet
209Kb / 9P
   433MHz Wide Band FM radio transceiver
logo
TOKO, Inc
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
   NARROW BAND FM IF IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
   NARROW BAND FM IF IC
logo
Hitachi Semiconductor
HA12442V HITACHI-HA12442V Datasheet
339Kb / 14P
   Narrow Band Width FM-IF
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Panasonic Semiconductor
AN6162SC PANASONIC-AN6162SC Datasheet
213Kb / 5P
   Narrow Band FM Receiver Circuit
logo
TOKO, Inc
TK10487 TOKO-TK10487 Datasheet
1Mb / 6P
   NARROW BAND FM-IF AMPLIFIER
logo
Radiometrix Ltd
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com