Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6-915-64 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # T6-915-64
Description  Radio Transmitter & Receiver Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

T6-915-64 Datasheet(HTML) 5 Page - rfsolutions.ltd

  T6-915-64 Datasheet HTML 1Page - rfsolutions.ltd T6-915-64 Datasheet HTML 2Page - rfsolutions.ltd T6-915-64 Datasheet HTML 3Page - rfsolutions.ltd T6-915-64 Datasheet HTML 4Page - rfsolutions.ltd T6-915-64 Datasheet HTML 5Page - rfsolutions.ltd T6-915-64 Datasheet HTML 6Page - rfsolutions.ltd T6-915-64 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS306-3
May 03
2003 REG No 277 4001, England.
Page 5
Radio Transmitter & Receiver Modules
T6 / R6
Absolute Maximum Ratings: Receiver QFMR6
Operating temperature: -10
°C to +55°C
-40
°C to 80°C option available
Storage temperature:
-40
°C to +100°C
Supply Voltage (pin 5) 7V
RF Input (pin 1)
+20dBm (100mw)
Electrical Characteristics: Receiver QFMR6 (20 Kbits/s version)
min.
typ.
Max.
units
notes
Supply voltage
4.5
5.0
5.5
V
Supply current
6
MA
Supply ripple
10
mVp-p
Data output high
=>4.0
V
Data output low
<=0.5
V
RF
RF sensitivity
-103
dBm
IF Bandwidth
230
KHz
1
Initial signal accuracy
±10
KHz
Max. RF input
20
dBm
E.M.C
Spurious responses upto 1GHz
<60
dB
LO leakage, conducted
<60
dBm
LO leakage, radiated
<60
dBm
Image rejection
60
dB
Dynamic Timings
Power up to stable data
(With RF signal present)
6
mS
2
Signal to stable data
(With power supply already on)
5
mS
2
Power up to valid RSSI
(With RF signal present)
1
mS
2
Mark : space ratio
50
%
Bit rate
100
20000
bps
Notes
1.
IF bandwidth available down to 27KHz.
2.
Timings are to be confirmed


Similar Part No. - T6-915-64

ManufacturerPart #DatasheetDescription
logo
Suzhou Trophy Advance-T...
T6-01 TROPHY-T6-01 Datasheet
355Kb / 2P
   T6-01 Type electronic tensiometer manual
T6-01-1000 TROPHY-T6-01-1000 Datasheet
355Kb / 2P
   T6-01 Type electronic tensiometer manual
T6-01-1000 TROPHY-T6-01-1000 Datasheet
515Kb / 5P
   Operation Manual for Tension Meter
T6-01-200 TROPHY-T6-01-200 Datasheet
515Kb / 5P
   Operation Manual for Tension Meter
T6-01-500 TROPHY-T6-01-500 Datasheet
355Kb / 2P
   T6-01 Type electronic tensiometer manual
More results

Similar Description - T6-915-64

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
logo
Radiometrix Ltd
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com