Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2TX-9A Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS2TX-9A
Description  2 W LAN DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS2TX-9A Datasheet(HTML) 2 Page - STMicroelectronics

  GS2TX-9A Datasheet HTML 1Page - STMicroelectronics GS2TX-9A Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
33 (1.30)
20.32
(0.80)
12.7
(0.50)
11.5
(0.453)
4.5
(0.177)
Bottom view
1
2
3
4
5
Pin configuration:
1 + Vin
2 - Vin
3 NC
4 + Vout
5 - Vout
Φ1 (0.08)
Package A. Dimensions in mm (inches).
CONNECTION DIAGRAM AND MECHANICAL DATA
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1997 SGS-THOMSON Microelectronics – All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
GS2TX-9A


Similar Part No. - GS2TX-9A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2TX-9 STMICROELECTRONICS-GS2TX-9 Datasheet
92Kb / 2P
   2 W LAN DC-DC CONVERTER
December 1993
More results

Similar Description - GS2TX-9A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS2T12-9S STMICROELECTRONICS-GS2T12-9S Datasheet
33Kb / 2P
   2 W LAN DC-DC CONVERTER
December 1993
GS2TX-9 STMICROELECTRONICS-GS2TX-9 Datasheet
92Kb / 2P
   2 W LAN DC-DC CONVERTER
December 1993
GS2T12-9A STMICROELECTRONICS-GS2T12-9A Datasheet
32Kb / 2P
   2 W LAN DC-DC CONVERTER
December 1993
GS2T5-9 STMICROELECTRONICS-GS2T5-9 Datasheet
170Kb / 2P
   2 W LAN DC-DC CONVERTER
December 1993
GS2T5-5 STMICROELECTRONICS-GS2T5-5 Datasheet
83Kb / 2P
   2 W DC-DC CONVERTER
logo
National Semiconductor ...
LM2567 NSC-LM2567 Datasheet
186Kb / 8P
   LAN DC/DC Converter
logo
Power Systems GmbH+Co.K...
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
logo
STMicroelectronics
GS2T5-5D15 STMICROELECTRONICS-GS2T5-5D15 Datasheet
33Kb / 2P
   2 W TRIPLE OUTPUT DC-DC CONVERTER
December 1993
logo
Wall Industries,Inc.
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
   8 W DC-DC Converter
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
   5 W DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com