Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD6NP-221MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CMD6NP-221MC
Description  General Power Transformer Type: CMD Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD6NP-221MC Datasheet(HTML) 1 Page - Sumida Corporation

  CMD6NP-221MC Datasheet HTML 1Page - Sumida Corporation CMD6NP-221MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-6
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/
2
Product Description
6.5×6.5mm Max.(L×W), 6.0mm Max. Height.
Inductance range: 22μH~10mH
Rated current range: 30mA~650mA
7 Terminal pins’ type gives a flexible design as inductors or transformers.
Custom design is available.
Feature
Magnetically shielded construction.
Ideally used in DSC/DVC,LCD TV,DVD, Game machine, STB ,Projector, Power supply module
etc as DC-DC Converter inductors or transformers.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Specification (for transformers)
Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
Schematics (Bottom)
“S”
is winding start.
Sample No.
Inductance (1-3)
1kHz/1V
D.C.R.
(1-3)
D.C.R.
(4-7)
Rated current
(1-3)
6304-T003
460µH±25%
4.2Ω Max.
5.4Ω(4.5)
140mA
6.0±0.5
6.0 MAX.
※ 8.2±0.5
6.5±0.5
2.0
7.35
2.0
3
2
1
4
5
6
7
S
S


Similar Part No. - CMD6NP-221MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD6NNP-101K SUMIDA-CMD6NNP-101K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-102K SUMIDA-CMD6NNP-102K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-121K SUMIDA-CMD6NNP-121K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-151K SUMIDA-CMD6NNP-151K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-181K SUMIDA-CMD6NNP-181K Datasheet
84Kb / 3P
   General Power Transformer
More results

Similar Description - CMD6NP-221MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
   General Power Transformer
CMD-8R SUMIDA-CMD-8R Datasheet
160Kb / 2P
   General Power Transformer
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CMD4D06 SUMIDA-CMD4D06_1 Datasheet
130Kb / 2P
   Power Transformers
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
CEI-128 SUMIDA-CEI-128_1 Datasheet
115Kb / 1P
   General Power Transformer
CEEH96 SUMIDA-CEEH96 Datasheet
121Kb / 2P
   General Power Transformer
CEEH135 SUMIDA-CEEH135 Datasheet
114Kb / 1P
   General Power Transformer
CER95 SUMIDA-CER95 Datasheet
121Kb / 1P
   General Power Transformer
CLQ72 SUMIDA-CLQ72 Datasheet
121Kb / 1P
   General Power Transformer < SMD Type: CLQ Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com