Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC22400 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC22400
Description  4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22400 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC22400 Datasheet HTML 1Page - Micrel Semiconductor MIC22400 Datasheet HTML 2Page - Micrel Semiconductor MIC22400 Datasheet HTML 3Page - Micrel Semiconductor MIC22400 Datasheet HTML 4Page - Micrel Semiconductor MIC22400 Datasheet HTML 5Page - Micrel Semiconductor MIC22400 Datasheet HTML 6Page - Micrel Semiconductor MIC22400 Datasheet HTML 7Page - Micrel Semiconductor MIC22400 Datasheet HTML 8Page - Micrel Semiconductor MIC22400 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC22400
February 2008
4
M9999-022108-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).........................................................6V
Output Switch Voltage (VSW) ............................................6V
Output Switch Current (ISW)..............................................6A
Logic Input Voltage (VEN, VLQ)........................... VIN to –0.3V
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.6V to 5.5V
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Thermal Resistance
3x4 MLF-20 (
θJA) ...............................................45°C/W
e-TSSOP-20 (
θJA) ...........................................32.2°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VEN = 3.3V; VOUT = 1.2V, COSC = 400pF, unless otherwise specified. Bold values indicate
–40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.6
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.4
2.5
2.6
V
UVLO Hysteresis
280
mV
Quiescent Current, PWM Mode
VEN =>1.34V; VFB = 0.9V (not switching)
1.3
2.0
mA
Shutdown Current
VEN = 0V
5
10
µA
[Adjustable] Feedback Voltage
± 1%
± 2% (over temperature)
0.693
0.686
0.7
0.707
0.714
V
V
Oscillator Current
320
400
480
µA
FB Pin Input Current
1
100
nA
Current Limit in PWM Mode
VFB = 0.5V
4.4
6
7.5
A
Output Voltage Line Regulation
VOUT 1.2V; VIN = 2.6 to 5.5V, ILOAD= 100mA
0.2
%
Output Voltage Load Regulation
100mA < ILOAD < 4000mA, VIN = 3.3V
0.2
%
Maximum Duty Cycle
VFB ≤ 0.5V
100
%
Switch ON-Resistance PFET
Switch ON-Resistance NFET
ISW = 1000mA; VFB=0.5V
ISW = 1000mA; VFB=0.9V
0.060
0.035
Oscillator Frequency
0.8
1
1.2
MHz
EN/DLY Threshold Voltage
1.14
1.24
1.34
V
EN/DLY Source Current
VIN = 2.6 to VIN = 5.5V
0.7
1
1.3
µA
RC Pin IRAMP
Ramp Control Current
0.7
1
1.3
µA
Power On Reset IPG(LEAK)
VPORH = 5.5V; POR = High
1
2
µA
µA
Power On Reset VPG(LO)
Output Logic-Low Voltage (undervoltage condition),
IPOR = 5mA
135
mV
Threshold, % of VOUT below nominal
7.5
10
12.5
%
Power On Reset VPG
Hysteresis
2.7
%
Over-Temperature Shutdown
150
°C
Over-Temperature Shutdown
Hysteresis
10
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.


Similar Part No. - MIC22400

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YTSE MICREL-MIC22400YTSE Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YTSE MICREL-MIC22400YTSE Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
More results

Similar Description - MIC22400

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22200 MICREL-MIC22200 Datasheet
1Mb / 22P
   2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
   10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
International Rectifier
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com