Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC22400 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC22400
Description  4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22400 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC22400 Datasheet HTML 1Page - Micrel Semiconductor MIC22400 Datasheet HTML 2Page - Micrel Semiconductor MIC22400 Datasheet HTML 3Page - Micrel Semiconductor MIC22400 Datasheet HTML 4Page - Micrel Semiconductor MIC22400 Datasheet HTML 5Page - Micrel Semiconductor MIC22400 Datasheet HTML 6Page - Micrel Semiconductor MIC22400 Datasheet HTML 7Page - Micrel Semiconductor MIC22400 Datasheet HTML 8Page - Micrel Semiconductor MIC22400 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC22400
February 2008
5
M9999-022108-A
Typical Characteristics
0
2
4
6
8
10
2.5
3.0 3.5
4.0 4.5
5.0 5.5
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
25°C
0
2
4
6
8
10
Shutdown Current
vs. Temperature
VIN = 3.3V
TEMPERATURE (°C)
0
0.4
0.8
1.2
1.6
2.0
2.5
INPUT VOLTAGE (V)
Operating Current
vs. Input Voltage
No Switching
FB = 0.9V
25°C
3.0 3.5
4.0 4.5
5.0 5.5
0
0.4
0.8
1.2
1.6
Operating Current
vs. Temperature
TEMPERATURE (°C)
2.0
No Switching
FB = 0.9V
VIN = 3.3V
0.690
0.695
0.700
0.705
0.710
2.5
INPUT VOLTAGE (V)
Reference Voltage
vs. Input Voltage
25°C
3.0 3.5
4.0 4.5
5.0 5.5
0.690
0.695
0.700
0.705
0.710
Reference Voltage
vs. Temperature
TEMPERATURE (°C)
VIN = 3.3V
1.10
1.14
1.18
1.22
1.26
1.30
Enable Voltage
vs. Temperature
TEMPERATURE (°C)
VIN = 3.3V
0
1
2
3
4
5
6
7
8
Enable Hysterisis
vs. Temperature
TEMPERATURE (°C)
VIN = 3.3V
900
920
940
960
980
1000
1020
1040
1060
Frequency
vs. Temperature
TEMPERATURE (°C)
55
57
59
61
63
65
P-Channel RDSON
vs. Temperature
TEMPERATURE (°C)
30
32
34
36
38
40
N-Channel RDSON
vs. Temperature
TEMPERATURE (°C)


Similar Part No. - MIC22400

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YTSE MICREL-MIC22400YTSE Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YTSE MICREL-MIC22400YTSE Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
More results

Similar Description - MIC22400

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22200 MICREL-MIC22200 Datasheet
1Mb / 22P
   2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
   10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
International Rectifier
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com