Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD6LNNP-271KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMD6LNNP-271KC
Description  General Power Transformer Type: CMD Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD6LNNP-271KC Datasheet(HTML) 2 Page - Sumida Corporation

  CMD6LNNP-271KC Datasheet HTML 1Page - Sumida Corporation CMD6LNNP-271KC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-6LN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification (for inductors)
Part Name
Stamp
Inductance
Within]
1
D.C.R.(Ω)
[Max.]
(at 20℃)
Rate Current
(A)※2
Qu
[Min.]
1
S.R.F.
(MHz)
Min.]
CMD6LNNP-22ØK□
220K
22 µH ± 10 %
0.14
1.1
37
21
CMD6LNNP-27ØK□
270K
27 µH ± 10 %
0.16
1.0
34
19
CMD6LNNP-33ØK□
330K
33 µH ± 10 %
0.19
0.85
30
17
CMD6LNNP-39ØK□
390K
39 µH ± 10 %
0.22
0.79
27
16
CMD6LNNP-47ØK□
470K
47 µH ± 10 %
0.28
0.73
30
14
CMD6LNNP-56ØK□
560K
56 µH ± 10 %
0.31
0.68
27
13
CMD6LNNP-68ØK□
680K
68 µH ± 10 %
0.36
0.59
24
12
CMD6LNNP-82ØK□
820K
82 µH ± 10 %
0.44
0.56
31
9.8
CMD6LNNP-1Ø1K□
101K
100µH ± 10 %
0.51
0.49
59
9.2
CMD6LNNP-121K□
121K
120µH ± 10 %
0.59
0.45
57
8.5
CMD6LNNP-151K□
151K
150µH ± 10 %
0.78
0.41
65
8.1
CMD6LNNP-181K□
181K
180µH ± 10 %
0.92
0.38
63
7.5
CMD6LNNP-221K□
221K
220µH ± 10 %
1.17
0.34
72
6.4
CMD6LNNP-271K□
271K
270µH ± 10 %
1.4
0.32
72
6.2
CMD6LNNP-331K□
331K
330µH ± 10 %
1.7
0.27
83
4.6
CMD6LNNP-391K□
391K
390µH ± 10 %
1.93
0.25
82
4.4
CMD6LNNP-471K□
471K
470µH ± 10 %
2.23
0.24
81
4
CMD6LNNP-561K□
561K
560µH ± 10 %
3.17
0.21
87
3.8
CMD6LNNP-681K□
681K
680µH ± 10 %
3.65
0.19
91
3.6
CMD6LNNP-821K□
821K
820µH ± 10 %
4.25
0.18
90
3.3
CMD6LNNP-1Ø2K□
102K
1.0 mH ± 10 %
6.08
0.15
95
2.9
Description of part name
Schematics (Bottom)
CMD6LNNP-220K□
“ S” is winding start.
1: Measuring Frequency ( Inductance and Qu )
22μH ~ 82μH
at 2.52MHz
100μH ~ 1.0mH
at 100kHz
2. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape
3
2
1
4
5
6
7
S


Similar Part No. - CMD6LNNP-271KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD6LNLNP-100MB SUMIDA-CMD6LNLNP-100MB Datasheet
158Kb / 2P
   General Power Transformer
CMD6LNLNP-100MC SUMIDA-CMD6LNLNP-100MC Datasheet
158Kb / 2P
   General Power Transformer
CMD6LNLNP-101KB SUMIDA-CMD6LNLNP-101KB Datasheet
158Kb / 2P
   General Power Transformer
CMD6LNLNP-101KC SUMIDA-CMD6LNLNP-101KC Datasheet
158Kb / 2P
   General Power Transformer
CMD6LNLNP-120MB SUMIDA-CMD6LNLNP-120MB Datasheet
158Kb / 2P
   General Power Transformer
More results

Similar Description - CMD6LNNP-271KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD-8R SUMIDA-CMD-8R Datasheet
160Kb / 2P
   General Power Transformer
CMD-6 SUMIDA-CMD-6 Datasheet
124Kb / 2P
   General Power Transformer
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CMD4D06 SUMIDA-CMD4D06_1 Datasheet
130Kb / 2P
   Power Transformers
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
CEI-128 SUMIDA-CEI-128_1 Datasheet
115Kb / 1P
   General Power Transformer
CEEH96 SUMIDA-CEEH96 Datasheet
121Kb / 2P
   General Power Transformer
CEEH135 SUMIDA-CEEH135 Datasheet
114Kb / 1P
   General Power Transformer
CER95 SUMIDA-CER95 Datasheet
121Kb / 1P
   General Power Transformer
CLQ72 SUMIDA-CLQ72 Datasheet
121Kb / 1P
   General Power Transformer < SMD Type: CLQ Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com