Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD6NP-330MB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMD6NP-330MB
Description  General Power Transformer Type: CMD Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD6NP-330MB Datasheet(HTML) 2 Page - Sumida Corporation

  CMD6NP-330MB Datasheet HTML 1Page - Sumida Corporation CMD6NP-330MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Power Transformer <SMD Type: CMD Series>
Type: CMD-6
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification (for inductors)
Part Name
Stamp
Inductance
Within]
Measuring
Frequency
D.C.R.(Ω)
[Max.]
(at 20℃)
Qu
[Min.]
S.R.F.
(MHz)
Min.]
Rated
Current
(mA)
1
Measuring
Frequency
CMD6NP-220M□ 220M
22µH ± 20%
2.52MHz
0.13
25
19
650
2.52MHz
CMD6NP-270M□ 270M
27µH ± 20%
2.52MHz
0.14
25
18
590
2.52MHz
CMD6NP-330M□ 330M
33µH ± 20%
2.52MHz
0.16
24
16
530
2.52MHz
CMD6NP-390M□ 390M
39µH ± 20%
2.52MHz
0.21
25
14
490
2.52MHz
CMD6NP-470M□ 470M
47µH ± 20%
2.52MHz
0.24
24
13
450
2.52MHz
CMD6NP-560M□ 560M
56µH ± 20%
2.52MHz
0.3
24
12
410
2.52MHz
CMD6NP-680M□ 680M
68µH ± 20%
2.52MHz
0.35
20
11
370
2.52MHz
CMD6NP-820M□ 820M
82µH ± 20%
2.52MHz
0.45
23
10
340
2.52MHz
CMD6NP-101M□ 101M 100µH ± 20%
1kHz
0.52
45
9.6
310
1kHz
CMD6NP-121M□ 121M 120µH ± 20%
1kHz
0.58
50
8.6
280
1kHz
CMD6NP-151M□ 151M 150µH ± 20%
1kHz
0.74
52
6.6
250
1kHz
CMD6NP-181M□ 181M 180µH ± 20%
1kHz
0.83
52
6
230
1kHz
CMD6NP-221M□ 221M 220µH ± 20%
1kHz
0.97
57
5.6
210
1kHz
CMD6NP-271M□ 271M 270µH ± 20%
1kHz
1.45
62
5.3
190
1kHz
CMD6NP-331M□ 331M 330µH ± 20%
1kHz
1.66
61
4.9
170
1kHz
CMD6NP-391M□ 391M 390µH ± 20%
1kHz
1.86
63
4.6
150
1kHz
CMD6NP-471M□ 471M 470µH ± 20%
1kHz
2.76
62
4.0
140
1kHz
CMD6NP-561M□ 561M 560µH ± 20%
1kHz
3.07
68
3.6
130
1kHz
CMD6NP-681M□ 681M 680µH ± 20%
1kHz
3.43
70
3.3
120
1kHz
CMD6NP-821M□ 821M 820µH ± 20%
1kHz
4.66
69
3.1
110
1kHz
CMD6NP-102M□ 102M 1.0mH ± 20%
1kHz
5.37
87
2.9
97
1kHz
CMD6NP-122M□ 122M 1.2mH ± 20%
1kHz
7.0
56
2.75
85
50kHz
CMD6NP-152M□ 152M 1.5mH ± 20%
1kHz
10.5
50
2.57
75
50kHz
CMD6NP-182M□ 182M 1.8mH ± 20%
1kHz
11.5
49
2.35
70
50kHz
CMD6NP-222M□ 222M 2.2mH ± 20%
1kHz
16.5
43
2.08
65
50kHz
CMD6NP-272M□ 272M 2.7mH ± 20%
1kHz
18.5
50
1.9
60
50kHz
CMD6NP-332M□ 332M 3.3mH ± 20%
1kHz
21
54
1.69
50
50kHz
CMD6NP-392M□ 392M 3.9mH ± 20%
1kHz
32
44
1.51
45
50kHz
CMD6NP-472M□ 472M 4.7mH ± 20%
1kHz
33
51
1.39
40
50kHz
CMD6NP-562M□ 562M 5.6mH ± 20%
1kHz
38
53
1.31
40
50kHz
CMD6NP-682M□ 682M 6.8mH ± 20%
1kHz
42
59
1.04
35
50kHz
CMD6NP-822M□ 822M 8.2mH ± 20%
1kHz
46.5
62
0.97
35
50kHz
CMD6NP-103M□ 103M
10mH ± 20%
1kHz
52.5
65
0.92
30
50kHz
Description of part name
Schematics (Bottom)
CMD6NP-220M□
“S” is winding start
1. Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape
3
2
1
4
5
6
7
S


Similar Part No. - CMD6NP-330MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD6NNP-101K SUMIDA-CMD6NNP-101K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-102K SUMIDA-CMD6NNP-102K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-121K SUMIDA-CMD6NNP-121K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-151K SUMIDA-CMD6NNP-151K Datasheet
84Kb / 3P
   General Power Transformer
CMD6NNP-181K SUMIDA-CMD6NNP-181K Datasheet
84Kb / 3P
   General Power Transformer
More results

Similar Description - CMD6NP-330MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMD-6LN SUMIDA-CMD-6LN Datasheet
140Kb / 2P
   General Power Transformer
CMD-8R SUMIDA-CMD-8R Datasheet
160Kb / 2P
   General Power Transformer
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CMD4D06 SUMIDA-CMD4D06_1 Datasheet
130Kb / 2P
   Power Transformers
CMD5D11 SUMIDA-CMD5D11_1 Datasheet
131Kb / 2P
   Power Transformers
CEI-128 SUMIDA-CEI-128_1 Datasheet
115Kb / 1P
   General Power Transformer
CEEH96 SUMIDA-CEEH96 Datasheet
121Kb / 2P
   General Power Transformer
CEEH135 SUMIDA-CEEH135 Datasheet
114Kb / 1P
   General Power Transformer
CER95 SUMIDA-CER95 Datasheet
121Kb / 1P
   General Power Transformer
CLQ72 SUMIDA-CLQ72 Datasheet
121Kb / 1P
   General Power Transformer < SMD Type: CLQ Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com