Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LPT374 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74LPT374
Description  Fast CMOS 3.3V Octal D Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT374 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74LPT374 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT374 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT374 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT374 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT374 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT374 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8503A
10/06/04
PI74LPT374
Fast CMOS 3.3V Octal D Flip-Flop
Storage Temperature ..........................................................–65°C to +150°C
Ambient Temperature with Power Applied .........................–40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only)...–0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) –0.5V to +7.0V
DC Input Voltage ..................................................................–0.5V to +7.0V
DC Output Current............................................................................120 mA
Power Dissipation .................................................................................1.0W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the op-
erationalsectionsofthisspecificationisnotimplied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 2.7V to 3.6V)
Parameters
Description
Test Conditions(1)
Min.
Typ(2) Max. Units
VIH
Input HIGH Voltage (Input pins)
Guaranteed Logic HIGH Level
2.2
5.5
V
Input HIGH Voltage
(I/O pins)
2.0
5.5
VIL
Input LOW Voltage
(Input and I/O pins)
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current (Input pins)
VCC = Max.
VIN= 5.5V
±1
µA
Input HIGH Current (I/O pins)
VCC = Max.
VIN = VCC
±1
IIL
Input LOW Current (Input pins)
VCC = Max.
VIN = GND
±1
Input LOW Current (I/O pins)
VCC = Max.
VIN = GND
±1
IOZH
High Impedance Output Current
VCC = Max.
VOUT = 5.5V
±1
IOZL
(3-State Output pins)
VCC = Max.
VOUT = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL,
VO = 1.5V(3)
–36
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL,
VO = 1.5V(3)
50
90
200
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –0.1 mA VCC-0.2
V
IOH = –3 mA
2.4
3.0
VCC = 3.0V,
VIN = VIH or VIL
IOH = –8 mA
2.4(5)
2.0
3.0
IOH = –24 mA
VOL
Output LOW Voltage
VCC = Min.
IOL = 0.1 mA
0.2
VIN = VIH or VIL
IOL = 16 mA
0.2
0.4
IOL = 24 mA
0.3
0.5
IOS
Short Circuit Current(4)
VCC = Max.(3), VOUT = GND
–60
–85
–240
mA
IOFF
Power Down Disable
VCC = 0V, VIN or VOUT ≤ 4.5V
±100
µA
VH
Input Hysteresis
150
mV
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4.
This parameter is guaranteed but not tested.
5.
VOH = VCC – 0.6V at rated current.


Similar Part No. - PI74LPT374

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AAE PERICOM-PI74LPT16244AAE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AE PERICOM-PI74LPT16244AE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CAE PERICOM-PI74LPT16244CAE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CV PERICOM-PI74LPT16244CV Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
More results

Similar Description - PI74LPT374

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX374 PERICOM-PI74LCX374 Datasheet
162Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
PI74FCT377T PERICOM-PI74FCT377T Datasheet
44Kb / 3P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
Integrated Device Techn...
IDT74FCT273T IDT-IDT74FCT273T Datasheet
109Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT377T IDT-IDT74FCT377T Datasheet
111Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com