Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C557-03 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C557-03
Description  PCI Express Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C557-03 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C557-03 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C557-03 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C557-03 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C557-03 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C557-03 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C557-03 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C557-03 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C557-03 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8824C
12/14/07
PI6C557-03
PCI Express Clock
Pin Description
Pin #
Pin Name
I/O Type
Description
1
S0
Input
Select pin 0 (Internal pull-up resistor). See Table 1.
2
S1
Input
Select pin 1 (Internal pull-up resistor). See Table 1.
3
SS0
Input
Spread Select pin 0 (Internal pull-up resistor). See Table 2.
4
X1/CLK
Input
Crystal or clock input. Connect to a 25MHz crystal or single ended clock.
5
X2
Output
Crystal connection. Leave unconnected for clock input.
6
OE
Input
Output enable. Internal pull-up resistor.
7
GNDX
Power
Crystal ground pin.
8
SS1
Input
Spread Select pin 1 (Internal pull-up resistor). See Table 2.
9
IREF
Output
Precision resistor attached to this pin is connected to the internal current reference.
10
CLK1
Output
HCSL compliment clock output
11
CLK1
Output
HCSL clock output
12
VDDA
Power
Connect to a +3.3V source.
13
GNDA
Power
Output and analog circuit ground.
14
CLK0
Output
HCSL compliment clock output
15
CLK0
Output
HCSL clock output
16
VDDX
Power
Connect to a +3.3V source.
Table 1: Output Select Table
S1
S0
CLK(MHz)
00
25
0
1
100
1
0
125
1
1
200
Table 2: Spread Selection Table
SS1
SS0
Spread
0
0
Center ±0.25
0
1
Down -0.5
1
0
Down -0.75
1
1
No Spread
07-0274


Similar Part No. - PI6C557-03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C557-03 DIODES-PI6C557-03 Datasheet
926Kb / 10P
   PCI Express Clock
October 2020
logo
Pericom Semiconductor C...
PI6C557-03A PERICOM-PI6C557-03A Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALE PERICOM-PI6C557-03ALE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03ALEX PERICOM-PI6C557-03ALEX Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
PI6C557-03AQE PERICOM-PI6C557-03AQE Datasheet
815Kb / 9P
   PCIe 2.0 Clock Generator with 2 HCSL Outputs
More results

Similar Description - PI6C557-03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C557-03 DIODES-PI6C557-03 Datasheet
926Kb / 10P
   PCI Express Clock
October 2020
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
   PCI-EXPRESS CLOCK SOURCE
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com