Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF650 Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # RF650
Description  SMART RADIO TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF650 Datasheet(HTML) 8 Page - rfsolutions.ltd

Back Button RF650 Datasheet HTML 3Page - rfsolutions.ltd RF650 Datasheet HTML 4Page - rfsolutions.ltd RF650 Datasheet HTML 5Page - rfsolutions.ltd RF650 Datasheet HTML 6Page - rfsolutions.ltd RF650 Datasheet HTML 7Page - rfsolutions.ltd RF650 Datasheet HTML 8Page - rfsolutions.ltd RF650 Datasheet HTML 9Page - rfsolutions.ltd RF650 Datasheet HTML 10Page - rfsolutions.ltd RF650 Datasheet HTML 11Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS650-6 June ‘06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 8
Tel 01273 898000 Fax 01273 480661
SMART RADIO TRANSCEIVER
RF650
4.2 Antenna Design
The design and positioning of the aerial is as crucial as the module performance itself in achieving a good
wireless system range. The following will assist the designer in maximising system performance.
The RF ground pin should be connected to a ground plane which should shield the aerial connection and the
PCB layout around the aerial track itself should be such as to give a 50 Ohm impedance. The aerial should be
kept as far away from sources of electrical interference as physically possible. The specified power supply
decoupling capacitors should be placed close to the module as possible and have direct connections to the
relevant pins.
The antenna ‘hot end’ should be kept clear of any objects, especially any metal as this can severely restrict the
efficiency of the antenna to receive power. Earth planes restricting the radiation path of the antenna will also
have the same effect.
The best range will be achieved with either a straight piece of wire, rod or PCB track @ ¼ wavelength (15.5cm
@ 433.9MHz). Increased range may be achieved if this ¼ wave antenna is placed perpendicular to and in the
middle of a solid earth plane measuring at least 16cm radius. In this case, the antenna should be connected
to the module using 50 Ohm coaxial cable and the PCB track layout tips given above should be observed.
RF
RF
Helical Antenna
Whip Antenna
34mm @ 433MHz
17 turns equally spaced
∅ = 5mm (inside)
15.5cm @ 433MHz


Similar Part No. - RF650

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504PCK-410 RFMD-RF6504PCK-410 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504SB RFMD-RF6504SB Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504SR RFMD-RF6504SR Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504TR13 RFMD-RF6504TR13 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-RF-RF600T ETC-WP-RF-RF600T Datasheet
932Kb / 14P
   Smart Com Radio Transceiver IC
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
   Smart Com Radio Transceiver IC
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
388Kb / 5P
   Smart Radio Evaluation Kit
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
   BLUETOOTH RADIO TRANSCEIVER
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
List of Unclassifed Man...
RM-5800 ETC2-RM-5800 Datasheet
316Kb / 12P
   Doodle Labs Smart Radio – RM-5800
August 12, 2022
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
   Radio Transceiver for DECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com