Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF650 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # RF650
Description  SMART RADIO TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF650 Datasheet(HTML) 4 Page - rfsolutions.ltd

  RF650 Datasheet HTML 1Page - rfsolutions.ltd RF650 Datasheet HTML 2Page - rfsolutions.ltd RF650 Datasheet HTML 3Page - rfsolutions.ltd RF650 Datasheet HTML 4Page - rfsolutions.ltd RF650 Datasheet HTML 5Page - rfsolutions.ltd RF650 Datasheet HTML 6Page - rfsolutions.ltd RF650 Datasheet HTML 7Page - rfsolutions.ltd RF650 Datasheet HTML 8Page - rfsolutions.ltd RF650 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS650-6 June ‘06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 4
Tel 01273 898000 Fax 01273 480661
SMART RADIO TRANSCEIVER
RF650
2
Operation
The Host Data Rate pins are read when the PD pin goes high. The RF650 must be put into standby mode by
taking the PD pin low in order to change the selection.
The size of RF data packets are set during configuration. If fewer bytes are received by the RF650 than the
preset size, then after 10ms from the last byte received from the host, the RF packet will be processed
(expanded to meet the preset packet size) and transmitted. The RF data packet size must be set the same for
transmitter and receiver, otherwise the received packets will be discarded.
In order to optimise data rate , in a point-to-point configuration where data is mostly being sent in one
direction, the packet size for one data direction can be set to the maximum size, however the reverse direction
may be set to a smaller packet size, to implement an acknowledge reply for example.
The RTS pin overrides the timeout value. If a short data packet is sent, RF transmission will start as soon as
the RTS pin is taken ‘high’ after the last byte is sent to the module.
The RF650 contains an on-board data buffer equal to two data packets. Therefore if RTS is asserted (then the
host is unable to receive data) the RF650 will store a max of two data packets, all further data packets
received will be discarded.
No RF packets will be received by the module when it is in power down standby mode.
Each RF650 has its own preset address. This is set during configuration. Any data received is examined and
the address header embedded within the data packet is compared with the RF60 address. Only data received
with matching address will be processed and output to the host, all other data will be discarded.
All RF650 modules are shipped with a default address of 7E7E7E7E.
2.1 Operation Modes
The addressing protocol employed enables many different configurations such including:
one-to-one operation; for point to point data communication
broadcast operation; where a single master address many RF650 modules concurrently. (using many
RF650 modules set to the same address),
one-to-many; A network consisting a master and many slaves (the receivers all have the same address)
many-to-one; where the transmitters all send to a single receiver address.
Because each RF650 can contain a unique address, multiple RF650 networks can co-exist in the same area.
2.2 Serial Data Format
The RF650 serial format settings are:
Baud Rate:
Defined by DR1 and DR2 Pins
Data Bits:
8
Parity:
None
Stop Bits:
1
Flow Control: Hardware
2.3 CTS timing
With a standard buffer size of 30 bytes, CTS is asserted 41uS after the buffer is full. In cases where less
than 20 bytes are sent CTS is asserted after a timeout of 10mS.


Similar Part No. - RF650

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504PCK-410 RFMD-RF6504PCK-410 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504SB RFMD-RF6504SB Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504SR RFMD-RF6504SR Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
RF6504TR13 RFMD-RF6504TR13 Datasheet
677Kb / 8P
   3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results

Similar Description - RF650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-RF-RF600T ETC-WP-RF-RF600T Datasheet
932Kb / 14P
   Smart Com Radio Transceiver IC
logo
rfsolutions.ltd
RF600T RFSOLUTIONS-RF600T Datasheet
640Kb / 13P
   Smart Com Radio Transceiver IC
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
RF600T-EVAL RFSOLUTIONS-RF600T-EVAL Datasheet
388Kb / 5P
   Smart Radio Evaluation Kit
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
   BLUETOOTH RADIO TRANSCEIVER
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
List of Unclassifed Man...
RM-5800 ETC2-RM-5800 Datasheet
316Kb / 12P
   Doodle Labs Smart Radio – RM-5800
August 12, 2022
logo
National Semiconductor ...
LMX4168 NSC-LMX4168 Datasheet
41Kb / 4P
   Radio Transceiver for DECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com