Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X2010-868 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # X2010-868
Description  FM Narrow Band Transceiver Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

X2010-868 Datasheet(HTML) 6 Page - rfsolutions.ltd

  X2010-868 Datasheet HTML 1Page - rfsolutions.ltd X2010-868 Datasheet HTML 2Page - rfsolutions.ltd X2010-868 Datasheet HTML 3Page - rfsolutions.ltd X2010-868 Datasheet HTML 4Page - rfsolutions.ltd X2010-868 Datasheet HTML 5Page - rfsolutions.ltd X2010-868 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS2010_2
Dec ‘01
©2001 REG No 277 4001, England.
Page 6
FM Narrow Band Transceiver Modules
X2010 / X2011
Antenna Design
The design and positioning of the antenna is as crucial as the module performance itself in achieving a good
wireless system range. The following will assist the designer in maximising system performance.
The antenna should be kept as far away from sources of electrical interference as physically possible. If
necessary, additional power line decoupling capacitors should be placed close to the module.
The antenna ‘hot end’ should be kept clear of any objects, especially any metal as this can severely restrict
the efficiency of the antenna to receive power. Any earth planes restricting the radiation path to the antenna
will also have the same effect.
Best range is achieved with either a straight piece of wire, rod or PCB track @ ¼ wavelength (15.5cm @
433.92MHz). Further range may be achieved if the ¼ wave antenna is placed perpendicular in the middle of
a solid earth plane measuring at least 16cm radius. In this case, the antenna should be connected to the
module via some 50 ohm characteristic impedance coax
Part Numbers
Part Number
Description
X2010-434
Narrow Band Transceiver 434.075MHz
X2011-434
Narrow Band Transceiver 434.075MHz Integral Antenna
X2010-868
Narrow Band Transceiver 868.4MHz
X2011-868
Narrow Band Transceiver 868.4MHz Integral Antenna
X2010-915
Narrow Band Transceiver 914.5MHz
X2011-915
Narrow Band Transceiver 914.5MHz Integral Antenna
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E. Sussex. BN8 6JL, England
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. With
respect to the accuracy of such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Similar Part No. - X2010-868

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
X2012 MERCURY-X2012 Datasheet
130Kb / 1P
   Quartz Crystal [ Surface Mount Crystals ]
More results

Similar Description - X2010-868

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com