Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

423-2ASUGC Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 423-2ASUGC
Description  5 mm Cylindriccal Shape
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

423-2ASUGC Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  423-2ASUGC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 423-2ASUGC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 423-2ASUGC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 423-2ASUGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 423-2ASUGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 423-2ASUGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 423-2ASUGC Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Technical Data Sheet
5 mm Cylindriccal Shape
423-2ASUGC /S400-A6
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 4 of 7
Device Number : DLE-042-082
Prepared date: 01-24-2006
Prepared by: Grace Shen
Typical Electro-Optical Characteristics Curves


Similar Part No. - 423-2ASUGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
423-2ASUGC-S400-A6 EVERLIGHT-423-2ASUGC-S400-A6 Datasheet
178Kb / 8P
   5 mm Cylindrical Shape
423-2ASUGC-S400-A6-P EVERLIGHT-423-2ASUGC-S400-A6-P Datasheet
178Kb / 8P
   5 mm Cylindrical Shape
423-2ASUGC-S400-A6-X-TR1 EVERLIGHT-423-2ASUGC-S400-A6-X-TR1 Datasheet
178Kb / 8P
   5 mm Cylindrical Shape
More results

Similar Description - 423-2ASUGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
423-2ASUGC-S400-A6-X-TR1 EVERLIGHT-423-2ASUGC-S400-A6-X-TR1 Datasheet
178Kb / 8P
   5 mm Cylindrical Shape
423-2ASURC EVERLIGHT-423-2ASURC Datasheet
92Kb / 6P
   5 mm Cylindrical Shape
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com