Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF52N20T Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDPF52N20T
Description  N-Channel MOSFET 200V, 52A, 0.049廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF52N20T Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDPF52N20T Datasheet HTML 1Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 2Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 3Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 4Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 5Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 6Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 7Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 8Page - Fairchild Semiconductor FDPF52N20T Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FDP52N20 / FDPF52N20T Rev. A
www.fairchildsemi.com
2
Package Marking and Ordering Information T
C = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP52N20
FDP52N20
TO-220
-
-
50
FDPF52N20T
FDPF52N20T
TO-220F
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V, TJ = 25
oC
200
-
-
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25
oC-
0.2
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 200V, VGS = 0V
-
-
1
µA
VDS = 160V, TC = 125
oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±30V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250µA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 26A
-
0.041
0.049
gFS
Forward Transconductance
VDS = 40V, ID = 26A
(Note 4)
-35
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
2230
2900
pF
Coss
Output Capacitance
-
540
700
pF
Crss
Reverse Transfer Capacitance
-
66
100
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 160V, ID = 52A
VGS = 10V
(Note 4, 5)
-49
63
nC
Qgs
Gate to Source Gate Charge
-
19
-
nC
Qgd
Gate to Drain “Miller” Charge
-
24
-
nC
td(on)
Turn-On Delay Time
VDD = 100V, ID = 20A
RG = 25Ω
(Note 4, 5)
-
53
115
ns
tr
Turn-On Rise Time
-
175
359
ns
td(off)
Turn-Off Delay Time
-
48
107
ns
tf
Turn-Off Fall Time
-
29
68
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
52
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
204
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 52A
-
-
1.5
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 52A
dIF/dt = 100A/µs
(Note 4)
-
162
-
ns
Qrr
Reverse Recovery Charge
-
1.3
-
µC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 1.4mH, IAS = 52A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 52A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDPF52N20T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF52N20T ISC-FDPF52N20T Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF52N20T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
689Kb / 10P
   N-Channel MOSFET 200V, 18A, 0.14廓
FDMC2610 FAIRCHILD-FDMC2610_12 Datasheet
620Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
logo
STMicroelectronics
STD5N20L STMICROELECTRONICS-STD5N20L Datasheet
273Kb / 10P
   N-CHANNEL 200V - 0.65廓 - 5A DPAK STripFET??MOSFET
logo
Fairchild Semiconductor
FDMC2610 FAIRCHILD-FDMC2610_07 Datasheet
384Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com