Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRM01 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # BRM01
Description  2.4GHZ BLUETOOTH TRANSCEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

BRM01 Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button BRM01 Datasheet HTML 2Page - rfsolutions.ltd BRM01 Datasheet HTML 3Page - rfsolutions.ltd BRM01 Datasheet HTML 4Page - rfsolutions.ltd BRM01 Datasheet HTML 5Page - rfsolutions.ltd BRM01 Datasheet HTML 6Page - rfsolutions.ltd BRM01 Datasheet HTML 7Page - rfsolutions.ltd BRM01 Datasheet HTML 8Page - rfsolutions.ltd BRM01 Datasheet HTML 9Page - rfsolutions.ltd BRM01 Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS360-5 March 04
©2004 Reg. No. 227 4001, England
Page 6
2.4GHZ BLUETOOTH TRANSCEIVER MODULE
BRM01
Physical Dimensions
Top
1.6"
1.8"
0.5 mm
Drill 0.6 mm
0.1"
0.3"


Similar Part No. - BRM01

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
BRM01 RFSOLUTIONS-BRM01 Datasheet
344Kb / 3P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
BRM01 RFSOLUTIONS-BRM01_1 Datasheet
344Kb / 3P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
More results

Similar Description - BRM01

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
BRM01 RFSOLUTIONS-BRM01_1 Datasheet
344Kb / 3P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE EVALUATION KIT
logo
Compex Systems Pte. Lte...
WSD377 COMPEX-WSD377 Datasheet
670Kb / 3P
   2.4GHz/5GHz WiFi Bluetooth Combination Module
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
   2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
Soshin electric Co., Lt...
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD972U SOSHIN-HMD972U Datasheet
84Kb / 3P
   2.4GHz Balun for Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
DBF71A001 SOSHIN-DBF71A001 Datasheet
120Kb / 2P
   2.4GHz Wireless LAN & Bluetooth
HMD971U SOSHIN-HMD971U Datasheet
121Kb / 3P
   2.4GHz Balun for Bluetooth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com