Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM-HRR60-433 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # AM-HRR60-433
Description  MINIATURE AM SUPER-REGEN RECEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HRR60-433 Datasheet(HTML) 2 Page - rfsolutions.ltd

  AM-HRR60-433 Datasheet HTML 1Page - rfsolutions.ltd AM-HRR60-433 Datasheet HTML 2Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS014-1
April 04
©2004 Reg. No 277 4001, England
Page 2
M
MIIN
NIIA
AT
TU
UR
RE
E
A
AM
M S
SU
UP
PE
ER
R
--R
RE
EG
GE
EN
N
R
RE
EC
CE
EIIV
VE
ER
R
A
AM
M--H
HR
RR
R3
30
0--X
XX
XX
X
AM -HRR30
1 2 3 4
5
7
9
4
3
RF600D
17
14
13
12
11
10
2
1
18
OP3
OP4
GND
ECLK
IN
OP1
Vcc
Sleep
LKIN
SD1
LRN
OP2
LB
Vcc
1K
1K
Learn
Switch
Option
Link
Serial Data
Output
Vcc
O/P 1
O/P 2
O/P 3
O/P 4
Transmitter
Low Battery
Status
LED
22K
L
M
15K
6 7 8 9 10
10nF
Mechanical Details
Electrical Characteristics
Ambient temperature = 25
o Celsius.
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Operating Temperature Range
-25
+80
o C
Tuning Tolerance
± 0.2
± 0.5
MHz
Receiver Frequency (315 MHz versions)
315
MHz
Receiver Frequency (433 MHz versions)
433.92
MHz
Supply Voltage
4.5
5
5.5
V
Supply Current
2.5
3
mA
Data Rate
50
4800
bits/Sec
R.F Sensitivity 100% AM
-100
-105
dBm
-3dB Bandwidth
± 2
± 3
MHz
Conducted Spurious Emissions
-60
dBm
High Level Output Voltage
3.6
V
Low Level Output Voltage
0.6
V
Application Circuit
For further information on this circuit please see datasheet DS600
R. F. Solutions Ltd,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000.
Fax +44 (0)1273 480 661.
Web Site http://www.rfsolutions.co.uk
Email sales@rfsolutions.co.uk
Component Side
14
25.4mm
8.9mm
2.54mm
610
Notes
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50mm
4mm
1mm
Pin
Pin Name
1
RF +Vcc
2
RF GND
3
DATA IN (Ant)
4
RF GND
6
AF GND
7
AF +VCC
8
TEST POINT
9
DATA OUT
10
AF +VCC


Similar Part No. - AM-HRR60-433

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
AM-HRR6-XXX RFSOLUTIONS-AM-HRR6-XXX Datasheet
103Kb / 5P
   AM SUPER REGENERATIVE RECEIVERS
More results

Similar Description - AM-HRR60-433

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4240B TEMIC-U4240B Datasheet
110Kb / 8P
   AM - RECEIVER
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
   AM Receiver Circuit
logo
Gunter Seniconductor Gm...
TCA440 GSG-TCA440 Datasheet
162Kb / 12P
   AM - Receiver Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com