Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHB-4S-3216A-121JT Datasheet(PDF) 2 Page - Sumida Corporation

Part # SHB-4S-3216A-121JT
Description  Multilayer Chip Ferrite Beads Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SHB-4S-3216A-121JT Datasheet(HTML) 2 Page - Sumida Corporation

  SHB-4S-3216A-121JT Datasheet HTML 1Page - Sumida Corporation SHB-4S-3216A-121JT Datasheet HTML 2Page - Sumida Corporation SHB-4S-3216A-121JT Datasheet HTML 3Page - Sumida Corporation SHB-4S-3216A-121JT Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE
Multilayer Chip Ferrite Beads Array
——
SHB-4-3216
2/4
*All specifications are subject to change without notice.
Electrical Parameters
Parts with other electrical characteristics available upon request.
Test equipment : HP4291A + HP16192A
Electrical Characteristic Curves
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HB-4H3216A-300J
Frequency [Hz]
1M
10M
100M
1G
0
50
100
150
200
X
R
Z
HB-4M3216A-600J
Frequency [Hz]
1M
10M
100M
1G
0
50
100
150
200
X
R
Z
HB-4M3216A-800J
Frequency [Hz]
lZl at 100㎒(Ω)
Part No.
typ.
min.
DC Resistance
(Ω) max.
Rated current
(mA) max
SHB-4H3216□-300□□
30
22
0.10
200
SHB-4M3216□-600□□
60
45
0.12
200
SHB-4M3216□-800□□
80
60
0.15
150
SHB-4M3216□-121□□
120
90
0.20
100
SHB-4M3216□-201□□
200
150
0.30
100
SHB-4M3216□-241□□
240
180
0.40
100
SHB-4M3216□-301□□
300
225
0.45
100
SHB-4M3216□-471□□
470
353
0.45
100
SHB-4M3216□-601□□
600
450
0.50
100
SHB-4M3216□-102□□
1000
750
0.80
100
SHB-4T3216□-600□□
60
45
0.12
200
SHB-4T3216□-121□□
120
90
0.20
200
SHB-4T3216□-201□□
200
150
0.30
150
SHB-4T3216□-241□□
240
180
0.40
150
SHB-4T3216□-301□□
300
225
0.45
150
SHB-4T3216□-471□□
470
353
0.50
100
SHB-4T3216□-601□□
600
450
0.50
100
SHB-4T3216□-102□□
1000
750
0.80
50
SHB-4S3216□-500□□
50
37
0.20
200
SHB-4S3216□-800□□
80
60
0.25
200
SHB-4S3216□-121□□
120
90
0.25
200
SHB-4S3216□-201□□
200
150
0.30
200
SHB-4S3216□-241□□
240
180
0.35
200
SHB-4S3216□-301□□
300
225
0.40
200
SHB
SHB
SHB
SHB-4M3216A-300J
SHB
SHB


Similar Part No. - SHB-4S-3216A-121JT

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-4S-2010A-121JB SUMIDA-SHB-4S-2010A-121JB Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4S-2010A-121JL SUMIDA-SHB-4S-2010A-121JL Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4S-2010A-121JT SUMIDA-SHB-4S-2010A-121JT Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4S-2010B-121JB SUMIDA-SHB-4S-2010B-121JB Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4S-2010B-121JL SUMIDA-SHB-4S-2010B-121JL Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
More results

Similar Description - SHB-4S-3216A-121JT

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
   Chip Array Ferrite Beads
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
   Chip Array Ferrite Beads
Revision: 17-Aug-17
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
   Chip Array Ferrite Beads
Revision: 16-Jan-06
ILAS-1206 VISHAY-ILAS-1206_V01 Datasheet
117Kb / 3P
   Chip Array Ferrite Beads
01-Jan-2022
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com