Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMI-I0603-220JJL Datasheet(PDF) 2 Page - Sumida Corporation

Part # SMI-I0603-220JJL
Description  Micro Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SMI-I0603-220JJL Datasheet(HTML) 2 Page - Sumida Corporation

  SMI-I0603-220JJL Datasheet HTML 1Page - Sumida Corporation SMI-I0603-220JJL Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE
Micro Inductors
——
SMI-I0603
2/2
*All specifications are subject to change without notice.
Electrical Parameters
Test Equipment & Fixture
L ,Q: RF impedance Analyzer 4991A(Agilent), Test Fixture 16196C(Agilent)
SRF : Network Analyzer 8722ES (Agilent)
Rdc: TWA-161A,B
Electrical Characteristic Curves
Inductance
(at 100MHz)
Q (min.)
Q (typ.)
SRF(GHz)
DCR(mΩ)
Part No.
nH
Tolerance
100MHz
100MHz
800MHz
1000MHz
min.
max.
Rated current
(mA) max
SMI-I0603-10NS
1.0
3
4.0
13.3
15.0
19.0
200
400
SMI-I0603-12NS
1.2
3
4.0
13.3
15.0
19.0
250
400
SMI-I0603-15NS
1.5
3
4.0
13.2
14.8
18.0
300
400
SMI-I0603-18NS
1.8
3
4.1
13.2
14.6
17.0
350
400
SMI-I0603-22NS
2.2
3
4.1
13.0
14.5
15.0
400
400
SMI-I0603-27NS
2.7
3
4.1
13.0
14.5
14.0
450
350
SMI-I0603-33NS
3.3
3
4.2
12.8
14.3
13.0
500
350
SMI-I0603-39NS
3.9
3
4.2
12.8
14.2
12.0
550
350
SMI-I0603-47NS
4.7
3
4.2
12.6
14.2
10.0
600
350
SMI-I0603-56NS
5.6
±
0.3nH
3.5
4.3
12.5
14.0
10.0
700
350
SMI-I0603-68NJ
6.8
3.5
4.3
12.5
14.0
9.0
800
300
SMI-I0603-82NJ
8.2
3.5
4.5
12.7
14.0
8.0
900
300
SMI-I0603-100J
10.0
3.5
4.8
13.0
14.3
8.0
1000
250
SMI-I0603-120J
12
4
4.8
12.0
13.5
7.0
1100
250
SMI-I0603-150J
15
4
4.7
11.5
13.0
6.0
1200
200
SMI-I0603-180J
18
4
4.5
11.0
12.0
5.0
1400
200
SMI-I0603-220J
22
±
5%
4
4.5
10.2
11.0
5.0
1600
150


Similar Part No. - SMI-I0603-220JJL

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SMI-0805 MICRO-ELECTRONICS-SMI-0805 Datasheet
224Kb / 1P
   SMD POWER INDUCTORS
SMI-0805-100 MICRO-ELECTRONICS-SMI-0805-100 Datasheet
224Kb / 1P
   SMD POWER INDUCTORS
SMI-0805-101 MICRO-ELECTRONICS-SMI-0805-101 Datasheet
224Kb / 1P
   SMD POWER INDUCTORS
SMI-0805-102 MICRO-ELECTRONICS-SMI-0805-102 Datasheet
224Kb / 1P
   SMD POWER INDUCTORS
SMI-0805-150 MICRO-ELECTRONICS-SMI-0805-150 Datasheet
224Kb / 1P
   SMD POWER INDUCTORS
More results

Similar Description - SMI-I0603-220JJL

ManufacturerPart #DatasheetDescription
logo
API Delevan
160-100MS API-160-100MS Datasheet
207Kb / 1P
   Micro i Chip Inductors
103R API-103R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
105-121M API-105-121M Datasheet
199Kb / 1P
   Micro i Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
   Micro i짰 Chip Inductors
103-100 API-103-100 Datasheet
235Kb / 1P
   Micro i Chip Inductors
3094-100KS API-3094-100KS Datasheet
54Kb / 1P
   Micro i Chip Inductors
logo
Coilcraft lnc.
0906-2KL COILCRAFT-0906-2KL Datasheet
243Kb / 2P
   Micro Spring??Air Core Inductors
logo
XFMRS Inc.
XF132-20SM XFMRS-XF132-20SM Datasheet
81Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XFA03TJ XFMRS-XFA03TJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com