Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8741004BIL Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8741004BIL
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004BIL Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8741004BIL Datasheet HTML 1Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 2Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 3Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 4Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 5Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 6Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 7Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 8Page - Integrated Device Technology ICS8741004BIL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS8741004I
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
PRELIMINARY
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
3
ICS8741004BGI REV. B SEPTEMBER 27, 2007
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 24
nQA1, QA1
Output
Differential output pair. LVDS interface levels.
3, 22
VDDO
Power
Output supply pins.
4, 5
QA0, nQA0
Output
Differential output pair. LVDS interface levels.
6
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Q[Ax:Bx] to go LOW and the inverted outputs
nQ[Ax:Bx] to go HIGH. When logic LOW, the internal dividers and the outputs
are enabled. LVCMOS/LVTTL interface levels.
7
BW_SEL
Input
Pullup/
Pulldown
PLL Bandwidth input. LVCMOS/LVTTL interface levels. See Table 3B.
8
nc
Unused
No connect.
9VDDA
Power
Analog supply pin.
10
F_SELA
Input
Pulldown
Frequency select pins for QAx/nQAx outputs.
LVCMOS/LVTTL interface levels. See Table 3C.
11
VDD
Power
Core supply pin.
12
OEA
Input
Pullup
Output enable for QAx pins. When HIGH, QAx/nQAx outputs are enabled.
When LOW, the QAx/nQAx outputs are in a high impedance state.
LVCMOS/LVTTL interface levels. See Table 3A.
13
CLK
Input
Pulldown
Non-inverting differential clock input.
14
nCLK
Input
Pullup
Inverting differential clock input.
15, 16
GND
Power
Power supply ground.
17
OEB
Input
Pullup
Output enable for QBx pins. When HIGH, QBx/nQBx outputs are enabled.
When LOW, the QBx/nQBx outputs are in a high impedance state.
LVCMOS/LVTTL interface levels. See Table 3A.
18
F_SELB
Input
Pulldown
Frequency select pins for QBx/nQBx outputs.
LVCMOS/LVTTL interface levels. See Table 3C.
19
IREF
Input
A fixed precision resistor (RREF = 475
) from this pin to ground provides a
reference current used for differential current-mode QB0/nQB0 clock outputs.
20, 21
nQB0, QB0
Output
Differential output pair. HCSL interface levels.
23, 24
QB1, nQB1
Output
Differential output pair. HCSL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k


Similar Part No. - ICS8741004BIL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004AG IDT-ICS8741004AG Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004AG IDT-ICS8741004AG Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004AGLF IDT-ICS8741004AGLF Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - ICS8741004BIL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
   DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
   Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com