Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8422002I-01 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8422002I-01
Description  FEMTOCLOCKS??CRYSTAL-TOLVHSTL FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8422002I-01 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8422002I-01 Datasheet HTML 1Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 2Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 3Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 4Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 5Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 6Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 7Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 8Page - Integrated Device Technology ICS8422002I-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICS8422002I-01
FEMTOCLOCKS™ CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
PRELIMINARY
IDT™ / ICS™ LVHSTL FREQUENCY SYNTHESIZER
2
ICS8422002AGI-01 REV. C NOVEMBER 1, 2007
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 7
nc
Unused
No connect.
2, 20
VDDO
Power
Output supply pins.
3, 4
Q0, nQ0
Output
Differential output pair. LVHSTL interface levels.
5
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs nQx
to go high. When logic LOW, the internal dividers and the outputs are
enabled. LVCMOS/LVTTL interface levels.
6
nPLL_SEL
Input
Pulldown
Selects between the PLL and REF_CLK as input to the dividers. When LOW,
selects PLL (PLL Enable). When HIGH, deselects the reference clock (PLL
Bypass). LVCMOS/LVTTL interface levels.
8VDDA
Power
Analog supply pin.
9, 11
F_SEL0,
F_SEL1
Input
Pulldown
Frequency select pins. LVCMOS/LVTTL interface levels.
10, 16
VDD
Power
Core supply pins.
12, 13
XTAL_OUT,
XTAL_IN
Input
Parallel resonant crystal interface. XTAL_OUT is the output,
XTAL_IN is the input.
14
REF_CLK
Input
Pulldown
Single-ended reference clock input. LVCMOS/LVTTL interface levels.
15
nXTAL_SEL
Input
Pulldown
Selects between crystal or REF_CLK inputs as the PLL Reference source.
Selects XTAL inputs when LOW. Selects REF_CLK when HIGH.
LVCMOS/LVTTL interface levels.
17
GND
Power
Power supply ground.
18, 19
nQ1, Q1
Output
Differential output pair. LVHSTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN Input Pulldown Resistor
51
k


Similar Part No. - ICS8422002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8422002I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844002I-01 IDT-ICS844002I-01 Datasheet
741Kb / 14P
   FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
ICS844002-01 IDT-ICS844002-01 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com