Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8584B-14CP Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8584B-14CP
Description  7A Low Dropout Positive Regualtors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8584B-14CP Datasheet(HTML) 8 Page - Microsemi Corporation

  LX8584B-14CP Datasheet HTML 1Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 2Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 3Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 4Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 5Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 6Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 7Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 8Page - Microsemi Corporation LX8584B-14CP Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LX8584x-xx
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 1997
Rev. 1.3, 2005-11-11
7A Low Dropout Positive Regualtors
TM
®
PACKAGE DIMENSIONS
P
3-Pin Plastic TO-220
A
G
F
Q
B
D
H
C
J
R
K
L
N
S
T
U
12
3
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
14.22
15.88
0.560
0.625
B
9.65
10.67
0.380
0.420
C
3.56
4.83
0.140
0.190
D
0.51
1.14
0.020
0.045
F
3.53
4.09
0.139
0.161
G
2.54 BSC
0.100 BSC
H
6.35
0.250
J
0.30
1.14
0.012
0.045
K
12.70
14.73
0.500
0.580
L
1.14
1.27
0.045
0.050
N
5.08 TYP
0.200 TYP
Q
2.54
3.05
0.100
0.120
R
2.03
2.92
0.080
0.115
S
1.14
1.40
0.045
0.055
T
5.84
6.86
0.230
0.270
U
0.508
1.14
0.020
0.045


Similar Part No. - LX8584B-14CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8584B-00 MICROSEMI-LX8584B-00 Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8584B-00CP MICROSEMI-LX8584B-00CP Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8584B-00CV MICROSEMI-LX8584B-00CV Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8584B-33 MICROSEMI-LX8584B-33 Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8584B-33CP MICROSEMI-LX8584B-33CP Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8584B-14CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com