Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRK.F200 Datasheet(PDF) 8 Page - International Rectifier

Part # IRK.F200
Description  MAGN-A-pak??Power Modules
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.F200 Datasheet(HTML) 8 Page - International Rectifier

  IRK.F200 Datasheet HTML 1Page - International Rectifier IRK.F200 Datasheet HTML 2Page - International Rectifier IRK.F200 Datasheet HTML 3Page - International Rectifier IRK.F200 Datasheet HTML 4Page - International Rectifier IRK.F200 Datasheet HTML 5Page - International Rectifier IRK.F200 Datasheet HTML 6Page - International Rectifier IRK.F200 Datasheet HTML 7Page - International Rectifier IRK.F200 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRK.F200.. Series
8
Bulletin I27099 rev. C 03/01
www.irf.com
Fig. 13 - Frequency Characteristics
Fig. 14 - Maximum On-state Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 H z
400
10 00
500 0
15 0
2500
Pu lse Base w idth ( s)
Snub b e r c irc uit
R = 10 ohm s
C = 0.47
F
V
= 80% V
IRK.F 200.. Se rie s
Tra p ezoid a l p ulse
T = 60 C d i/d t 50A / s
1E4
tp
DR M
C
s
s
D
E1
1E2
1E3
1E4
50 H z
40 0
1000
5000
150
2500
Pu lse Base w idth ( s)
IRK .F200.. Se ries
Tra pezo id a l p ulse
T = 60 C di/d t 100A / s
Snub b e r c irc uit
R = 10 ohm s
C = 0.47 F
V
= 80% V
1E1
tp
DR M
C
s
s
D
1E1
1E2
1E3
1E4
1E11E2
1E31E4
10 jou les per p u lse
5
2.5
1
0.5
0.2 5
0.1
0.05
Pu lse Base w id th ( s)
IRK .F2 00.. Se ries
Sinusoid a l p uls e
tp
1E4
E1
1E2
1E3
1E4
10 jou les per pulse
5
2.5
1
0.5
0.25
0.1
0.05
Pu lse Base w idth ( s)
IRK .F 200.. Se ries
Tra p e zoid a l p ulse
di/d t 50A / s
tp
1E1
0.1
1
10
100
0.01
0.1
1
10
100
VG D
IG D
(b )
(a )
(2)
(3 )
In sta n ta n e o u s G ate C u rre nt (A )
a ) R e c o m m e n d e d lo a d lin e fo r
b ) R e c o m m e nd e d lo a d lin e fo r
R e ctan gu la r ga te pu lse
ra te d di/d t : 1 0V, 10 o h m s
< = 30% ra te d d i/d t : 1 0V , 20 o h m s
IRK .F200.. Se ries
F requen c y Lim ite d by P G (AV )
(1) PG M = 8W , tp = 25m s
(2) PG M = 20W , tp = 1m s
(3) PG M = 40W , tp = 5m s
(4) PG M = 80W , tp = 2.5m s
(1)
(4)


Similar Part No. - IRK.F200

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.F102 IRF-IRK.F102 Datasheet
207Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRK.F200

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK320 IRF-IRK320 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
logo
Nell Semiconductor Co.,...
NKT250T NELLSEMI-NKT250T Datasheet
684Kb / 4P
   MAGN-A-PAK Power Modules)
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKD600 IRF-IRKD600 Datasheet
113Kb / 4P
   SUPER MAGN-A-PAK??Power Modules
IRK430 IRF-IRK430 Datasheet
137Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRK500 IRF-IRK500 Datasheet
134Kb / 5P
   SUPER MAGN-A-PAK??Power Modules
IRK.430 IRF-IRK.430 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
logo
Vishay Siliconix
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com