Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54AHC273FK Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54AHC273FK
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54AHC273FK Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54AHC273FK Datasheet HTML 1Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 2Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 3Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 4Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 5Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 6Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 7Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 8Page - Texas Instruments SNJ54AHC273FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN54AHC273, SN74AHC273
OCTAL D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS376G – JUNE 1997 – REVISED JULY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC273
SN74AHC273
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
75*
120*
65*
65
MHz
fmax
CL = 50 pF
50
75
45
45
MHz
tPHL
CLR
Q
CL = 15 pF
8.9*
13.6*
1*
16*
1
16
ns
tPLH
CLK
Q
CL =15 pF
8.7*
13.6*
1*
16*
1
16
ns
tPHL
CLK
Q
CL = 15 pF
8.7*
13.6*
1*
16*
1
16
ns
tPHL
CLR
Q
CL = 50 pF
11.4
17.1
1
19.5
1
19.5
ns
tPLH
CLK
Q
CL =50 pF
11.2
17.1
1
19.5
1
19.5
ns
tPHL
CLK
Q
CL = 50 pF
11.2
17.1
1
19.5
1
19.5
ns
tsk(o)
CL = 50 pF
1.5**
1.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC273
SN74AHC273
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
120*
165*
100*
100
MHz
fmax
CL = 50 pF
80
110
70
70
MHz
tPHL
CLR
Q
CL = 15 pF
5.2*
8.5*
1*
10*
1
10
ns
tPLH
CLK
Q
CL =15 pF
5.8*
9*
1*
10.5*
1
10.5
ns
tPHL
CLK
Q
CL = 15 pF
5.8*
9*
1*
10.5*
1
10.5
ns
tPHL
CLR
Q
CL = 50 pF
6.7
10.5
1
12
1
12
ns
tPLH
CLK
Q
CL =50 pF
7.3
11
1
12.5
1
12.5
ns
tPHL
CLK
Q
CL = 50 pF
7.3
11
1
12.5
1
12.5
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHC273
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.7
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.7
V
VOH(V)
Quiet output, minimum dynamic VOH
4.7
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
31
pF


Similar Part No. - SNJ54AHC273FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AHC273FK TI-SNJ54AHC273FK Datasheet
584Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SNJ54AHC273FK TI1-SNJ54AHC273FK Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
More results

Similar Description - SNJ54AHC273FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com