Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80833CLPF-B6STFG Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S-80833CLPF-B6STFG
Description  SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80833CLPF-B6STFG Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S-80833CLPF-B6STFG Datasheet HTML 28Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 29Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 30Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 31Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 32Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 33Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 34Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 35Page - Seiko Instruments Inc S-80833CLPF-B6STFG Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808xxC Series
Rev.4.3_00
32
Seiko Instruments Inc.
9. Minimum Operating Voltage - Input Voltage (VDD)
0.0
0.3
0.6
0.9
1.2
0.0
0.2
0.4
0.6
1.0
VDD (V)
S-80808CN
Pull-up to VDD 100 k
Ta=-40°C
Ta=25°C
Ta=85°C
0.8
0.0
1.0
2.0
3.0
4.0
0.2
0.4
0.6
0.8
1.0
VDD (V)
S-80808CN
Pull-up to 3 V
Ta=-40°C
Ta=25°C
Ta=85°C
0.0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
VDD (V)
S-80815CN
Pull-up to VDD 100 k
Ta=-40°C
Ta=25°C
Ta=85°C
0.0
1.0
2.0
3.0
4.0
0
0.5
1.0
1.5
2.0
VDD (V)
S-80815CN
Pull-up to 3 V
Ta=-40°C
Ta=25°C
Ta=85°C
VOUT(V)
PULL-UP
PULL-UP
×0.1
0
VDD(V)
VDDmin
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
PULL-UP (V)
S-80808CN
Pull-up to VDD:100 k
Ta=-40°C
Ta=25°C
Ta=85°C
Remark
VDDmin. is defined by the VDD voltage at
which VOUT goes below 10
% of
PULL-UP voltage when the VDD
increase from 0 V.
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0
PULL-UP (V)
S-80815CN
Pull-up to VDD:100 k
Ta=-40°C
Ta=25°C
Ta=85°C
Figure 24


Similar Part No. - S-80833CLPF-B6STFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80833CLPF-B6STFG SII-S-80833CLPF-B6STFG Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results

Similar Description - S-80833CLPF-B6STFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com