Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83026BMI-01LF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS83026BMI-01LF
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83026BMI-01LF Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS83026BMI-01LF Datasheet HTML 1Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 2Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 3Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 4Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 5Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 6Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 7Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 8Page - Integrated Device Technology ICS83026BMI-01LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
83026BMI-01
3
REV. A OCTOBER 22, 2007
ICS83026I-01
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V ± 5%, VDDO = 1.71V
TO
3.465V, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
5
7
3
.
25
.
25
2
6
.
2V
1
7
.
18
.
19
8
.
1V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
1A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
3A
m
TABLE 3B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = 3.3V ± 5%, VDDO = 2.375V
TO
3.465V, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IE
O2
V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IE
O3
.
0
-8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IE
OV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IE
OV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
V
H
O
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O1
E
T
O
N
V
O
D
D
V
5
3
1
.
3
=6
.
2V
V
O
D
D
V
5
7
3
.
2
=8
.
1V
V
L
O
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O1
E
T
O
N
5
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
,
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
s
m
a
r
g
a
i
d
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
"
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
8 Lead SOIC
112.7°C/W (0 lfpm)
8 Lead TSSOP
101.7°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 3C. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = 3.3V ± 5%, VDDO = 1.8V ± 5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IE
O2
V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IE
O3
.
0
-8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IE
OV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IE
OV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
I
H
O
A
µ
0
0
1
-
=V
O
D
D
2
.
0
-V
I
H
O
A
m
2
-
=V
O
D
D
5
4
.
0
-V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
I
L
O
A
µ
0
0
1
=2
.
0V
I
L
O
A
m
2
=5
4
.
0V


Similar Part No. - ICS83026BMI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83026BMI-01LF ICST-ICS83026BMI-01LF Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83026BMI-01LFT ICST-ICS83026BMI-01LFT Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83026BMI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I RENESAS-83026I Datasheet
504Kb / 13P
   Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout
December 15, 2015
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
8302I RENESAS-8302I Datasheet
250Kb / 11P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com