Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83026I-01 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS83026I-01
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83026I-01 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS83026I-01 Datasheet HTML 1Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 2Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 3Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 4Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 5Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 6Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 7Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 8Page - Integrated Device Technology ICS83026I-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
83026BMI-01
2
REV. A OCTOBER 22, 2007
ICS83026I-01
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
2K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
3K
L
C
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
D
D
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
4E
Ot
u
p
n
Ip
u
ll
u
P
n
i
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
,
H
G
I
H
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
t
a
t
S
e
c
n
a
d
e
p
m
I
h
g
i
H
5D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
61
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
C
70
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
C
8V
O
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
t
u
p
n
Is
t
u
p
t
u
O
E
O1
Q
,
0
Q
0Z
i
H
1e
v
i
t
c
A
TABLE 3. CONTROL FUNCTION TABLE
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
D
D
V
,
O
D
D
V
5
6
4
.
3
=7
1F
p
V
D
D
V
,
V
5
6
4
.
3
=
O
D
D
V
5
2
6
.
2
=6
1F
p
V
D
D
V
,
V
5
6
4
.
3
=
O
D
D
V
5
9
.
1
=5
1F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
V
D
D
V
,
O
D
D
V
3
.
3
=7
Ω
V
D
D
V
,
V
3
.
3
=
O
D
D
V
5
.
2
=8
Ω
V
D
D
V
,
V
3
.
3
=
O
D
D
V
8
.
1
=0
1
Ω


Similar Part No. - ICS83026I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83026I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I RENESAS-83026I Datasheet
504Kb / 13P
   Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout
December 15, 2015
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
8302I RENESAS-8302I Datasheet
250Kb / 11P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com