Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-PPB-CES-C10 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PPB-CES-C10
Description  NOVALED InGaN Super high brightness surface mount LED.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PPB-CES-C10 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-PPB-CES-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PPB-CES-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PPB-CES-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PPB-CES-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PPB-CES-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PPB-CES-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Preliminary
NOVALED InGaN BL-PPx-CEx Series
V.2 Page: 3 of 6
Electrical Characteristics (TA = 25
oC):
Vf @ If=50mA
Vr @ Ir=10uA
Part Number
Color
Typ. (V)
Max. (V)
Min.(V)
BL-PPW-CED-C10
White
3.8
4.2
5
BL-PPB-CES-C10
Blue
3.8
4.2
5
BL-PPT-CES-C10
True Green
3.9
4.2
5
Absolute Maximum Ratings:
Parameter
Maximum Value
Unit
DC forward current.
50
mA
Reverse voltage.
5
V
LED junction temperature.
125
°C
Operating temperature.
-40 … +100
°C
Storage temperature.
-40 … +100
°C
Power dissipation
250
mW
Wavelength Grouping:
Color
Group
Wavelength distribution (nm)
BL-PPB; Blue
Full
W
X
Y
464 - 476
464 - 468
468 - 472
472 - 476
BL-PPT; True Green
Full
W
X
Y
519 - 537
519 - 525
525 - 531
531 - 537
Wavelength is measured with an accuracy of
±1 nm.


Similar Part No. - BL-PPB-CES-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PPB-USS-C10 BRIGHT-BL-PPB-USS-C10 Datasheet
228Kb / 7P
   NovaLED 350 InGaN Blue Super high brightness surface mount LED.
More results

Similar Description - BL-PPB-CES-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PPT-CES-C10 BRIGHT-BL-PPT-CES-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPW-CED-C10 BRIGHT-BL-PPW-CED-C10 Datasheet
409Kb / 6P
   NOVALED InGaN Super high brightness surface mount LED.
BL-PPT-USS-ABC-1 BRIGHT-BL-PPT-USS-ABC-1 Datasheet
333Kb / 8P
   NovaLED 350 InGaN Green Super high brightness surface mount LED.
BL-PPB-USS-C10 BRIGHT-BL-PPB-USS-C10 Datasheet
228Kb / 7P
   NovaLED 350 InGaN Blue Super high brightness surface mount LED.
BL-PPW-TSD-ADE-1 BRIGHT-BL-PPW-TSD-ADE-1 Datasheet
306Kb / 9P
   NovaLED 350 InGaN - High Lumens Super high brightness surface mount LED.
BL-PPW-TS6-AHJ-1 BRIGHT-BL-PPW-TS6-AHJ-1 Datasheet
524Kb / 9P
   NovaLED 350 InGaN With Lens - High Lumen Super high brightness surface mount LED.
BL-PPR-SES-C10 BRIGHT-BL-PPR-SES-C10 Datasheet
231Kb / 5P
   NOVALED AlInGaP Super high brightness surface mount LED.
BL-PSW-SSD-C10 BRIGHT-BL-PSW-SSD-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PSB-USS-C10 BRIGHT-BL-PSB-USS-C10 Datasheet
215Kb / 8P
   InGaN BIKINI High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com