Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-PMRTB-CJB Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PMRTB-CJB
Description  High brightness tri-color surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PMRTB-CJB Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-PMRTB-CJB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PMRTB-CJB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
05/01/06
Multi DomiLED Multi DMRTB-CJ -v19
Page 2 of 9
Part Ordering Number
Color ,
λdom (nm)
Luminous Intensity @ If = 20mA . Iv ( mcd )
Chip#1 Chip#2
Chip#3
Chip#1
Chip#2
Chip#3
1. Reel comes in a quantity of 1025 and 2050 units per reel.
2. Luminous intensity is measured with an accuracy of
±11%.
3. All electrical and optical data are measured at room temperature; Ta = 25°C.
Half Group For Luminous Intensity
Only one IV group is allowed for each chip within a reel.
Groupings
Min. (mcd)
Max. (mcd)
N3
35.5
50.5
P3
50.5
71.5
Q3
71.5
100.0
R3
100.0
140.0
S3
140.0
200.0
T3
200.0
285.0
BL-PMRTB-CJB
RED
TRUE
GREEN
BLUE
625
525
470
100.0 ... 200.0 140.0 ... 285.0 35.5 ... 100.0
- BIN R3 S3 N3
- BIN R3 S3 P3
- BIN R3 S3 Q3
- BIN R3 T3 N3
- BIN R3 T3 P3
- BIN R3 T3 Q3
- BIN S3 S3 N3
- BIN S3 S3 P3
- BIN S3 S3 Q3
- BIN S3 T3 N3
- BIN S3 T3 P3
- BIN S3 T3 Q3
100.0 ... 140.0
140.0 ... 200.0
35.5 ... 50.5
100.0 ... 140.0
140.0 ... 200.0
50.5 ... 71.5
100.0 ... 140.0
140.0 ... 200.0
71.5 ... 100.0
100.0 ... 140.0
200.0 ... 285.0
35.5 ... 50.5
100.0 ... 140.0
200.0 ... 285.0
50.5 ... 71.5
100.0 ... 140.0
200.0 ... 285.0
71.5 ... 100.0
140.0 ... 200.0
140.0 ... 200.0
35.5 ... 50.5
140.0 ... 200.0
140.0 ... 200.0
50.5 ... 71.5
140.0 ... 200.0
140.0 ... 200.0
71.5 ... 100.0
140.0 ... 200.0
200.0 ... 285.0
35.5 ... 50.5
140.0 ... 200.0
200.0 ... 285.0
50.5 ... 71.5
140.0 ... 200.0
200.0 ... 285.0
71.5 ... 100.0


Similar Part No. - BL-PMRTB-CJB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
More results

Similar Description - BL-PMRTB-CJB

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-PJG-PCN DOMINANT-D6RTB-PJG-PCN Datasheet
1Mb / 14P
   High brightness tri-color surface mount LED
D6RTB-DJD-PCN DOMINANT-D6RTB-DJD-PCN Datasheet
854Kb / 14P
   High brightness tri-color surface mount LED
D6RTB-HJD-PCN DOMINANT-D6RTB-HJD-PCN Datasheet
821Kb / 14P
   High brightness tri-color surface mount LED
DMRTB-UJB-ST3-UV3-RS3-1 DOMINANT-DMRTB-UJB-ST3-UV3-RS3-1 Datasheet
878Kb / 14P
   High brightness tri-color surface mount LED
DBRTB-DJB DOMINANT-DBRTB-DJB Datasheet
926Kb / 13P
   High brightness tri-color surface mount LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMSGB-GJB BRIGHT-BL-PMSGB-GJB Datasheet
154Kb / 5P
   Low brightness tri-color surface mount LED.
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
logo
DOMINANT Semiconductors
DMHG-GJ DOMINANT-DMHG-GJ Datasheet
871Kb / 12P
   High brightness bi-color surface mount LED
DKXX-NJS DOMINANT-DKXX-NJS Datasheet
1Mb / 12P
   High brightness bi-color surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com