Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-PMRG-SJS Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PMRG-SJS
Description  Bi-Color DOMILED High brightness bi-color surface mount LED.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PMRG-SJS Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-PMRG-SJS Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PMRG-SJS Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PMRG-SJS Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PMRG-SJS Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PMRG-SJS Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PMRG-SJS Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color DOMILED BL-PMxx-xJS Series
V.13 Page: 2 of 6
Optical Characteristics:
Part Number
Color
λ
dom (nm)
Luminous Intensity
@ If = 20mA . Iv ( mcd )
Chip#1
Chip#2
Chip#1
Chip#2
BL-PMRG-SJS
• BIN R Q
• BIN R R
• BIN S Q
• BIN S R
BL-PMSG-CJS
• BIN Q P
• BIN Q Q
• BIN R P
• BIN R Q
BL-PMST-CJS
• BIN P R
• BIN P S
• BIN Q R
• BIN Q S
BL-PMSY-CJS
• BIN P R
• BIN P S
• BIN Q R
• BIN Q S
BL-PMYB-CJS
• BIN R P
• BIN R Q
• BIN S P
• BIN S Q
BL-PMYT-CJS
• BIN R R
• BIN R S
• BIN S R
• BIN S S
Red
625
Super Red
632
Super Red
632
Super Red
632
Yellow
587
Yellow
587
Green
570
Green
570
True Green
525
Yellow
587
Blue
470
True Green
525
112.5 … 285.0
112.5 … 180.0
112.5 … 180.0
180.0…..285.0
180.0… 285.0
71.5 … 180.0
71.5 … 112.5
71.5 … 112.5
112.5
180.0
112.5
180.0
45.0 … 112.5
45.0 … 71.5
45.0 … 71.5
71.5 … 112.5
71.5 … 112.5
45.0 … 112.5
45.0 … 71.5
45.0 … 71.5
71.5 … 112.5
71.5 … 112.5
112.5 … 285.0
112.5 … 180.0
112.5 … 180.0
180.0 … 285.0
180.0 … 285.0
112.5 … 285.0
112.5 … 180.0
180.0 … 285.0
112.5 … 180.0
180.0 … 285.0
71.5 … 180.0
71.5 … 112.5
112.5 … 180.0
71.5 … 112.5
112.5 … 180.0
45.0 … 112.5
45.0 … 71.5
71.5 … 112.5
45.0 … 71.5
71.5 … 112.5
112.5 … 285.0
112.5 … 180.0
180.0 … 285.0
112.5 … 180.0
180.0 … 285.0
112.5 … 285.0
112.5 … 180.0
180.0 … 285.0
112.5 … 180.0
180.0 … 285.0
45.0 … 112.5
45.0 … 71.5
71.5 … 112.5
45.0 … 71.5
71.5 … 112.5
112.5 … 285.0
112.5 … 180.0
180.0 … 285.0
112.5 … 180.0
180.0 … 285.0
NOTE:
1.
Luminous intensity is measured with an accuracy of
±11%.


Similar Part No. - BL-PMRG-SJS

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMRG-GJS BRIGHT-BL-PMRG-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
More results

Similar Description - BL-PMRG-SJS

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PMYB-CJS BRIGHT-BL-PMYB-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYT-CJS BRIGHT-BL-PMYT-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSG-CJS BRIGHT-BL-PMSG-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMSY-CJS BRIGHT-BL-PMSY-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMST-CJS BRIGHT-BL-PMST-CJS Datasheet
173Kb / 6P
   Bi-Color DOMILED High brightness bi-color surface mount LED.
BL-PMYG-GJS BRIGHT-BL-PMYG-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMHG-GJS-C10 BRIGHT-BL-PMHG-GJS-C10 Datasheet
143Kb / 4P
   Bi-Color Domiled AlGaAs High brightness bi-color surface mount LED.
BL-PMRG-GJS BRIGHT-BL-PMRG-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMRY-GJS BRIGHT-BL-PMRY-GJS Datasheet
178Kb / 5P
   Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMHG-GJS-C20 BRIGHT-BL-PMHG-GJS-C20 Datasheet
143Kb / 4P
   Bi-Color Domiled AlGaAs/GaP High brightness bi-color surface mount LED.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com