Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8534AY-01 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8534AY-01
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8534AY-01 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8534AY-01 Datasheet HTML 1Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 2Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 3Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 4Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 5Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 6Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 7Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 8Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL
FANOUT BUFFER
ICS8534-01
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
1
ICS8534AY-01 REV. A DECEMBER 6, 2007
General Description
The ICS8534-01 is a low skew, 1-to-22
Differential-to-3.3V LVPECL Fanout Buffer and a
member of the HiPerClockS™ Family of High
Performance Clock Solutions from IDT. The
ICS8534-01 has two selectable clock inputs. The
CLK, nCLK pair can accept most standard differential input levels.
The PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input
levels. The device is internally synchronized to eliminate runt
pulses on the outputs during asynchronous assertion/deassertion
of the OE pin. The ICS8534-01’s low output and part-to-part skew
characteristics make it ideal for workstation, server, and other high
performance clock distribution applications.
Features
Twenty-two differential LVPECL outputs
Selectable differential CLK/nCLK or LVPECL clock inputs can
accept the following differential input levels: LVDS, LVPECL,
LVHSTL
CLK/nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL, SSTL
PCLK/nPCLK supports the following input levels: LVPECL,
CML, SSTL
Maximum output frequency: 500MHz
Output skew: 100ps (maximum)
Translates any single-ended input signal (LVCMOS, LVTTL,
GTL) to LVPECL levels with resistor bias on nCLK input
Additive phase jitter, RMS): 0.04ps (typical)
Full 3.3V supply mode
0°C to 85°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages.
HiPerClockS™
ICS
Block Diagram
Pin Assignment
Q0:Q21
nQ0:nQ21
CLK_SEL
OE
CLK
nCLK
PCLK
nPCLK
D
LE
Q
0
1
22
22
Pullup
Pullup
Pulldown
Pulldown
Pullup/Pulldown
Pullup/Pulldown
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VCCO
nQ6
Q6
Q5
nQ4
Q4
nQ3
nQ5
VCCO
nQ2
Q3
Q2
nQ1
Q1
nQ0
Q0
nQ14
Q15
nQ15
Q14
Q16
VCCO
nQ16
Q17
VCCO
nQ17
Q18
nQ18
Q19
nQ19
Q20
nQ20
ICS8534-01
64-Lead TQFP E-Pad
10mm x 10mm x 1.0mm package body
Y package
Top View


Similar Part No. - ICS8534AY-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8534AY-01 ICST-ICS8534AY-01 Datasheet
247Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8534AY-01T ICST-ICS8534AY-01T Datasheet
247Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8534AY-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8534-01 RENESAS-8534-01 Datasheet
707Kb / 22P
   Low Skew, 1-to-22 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
logo
Integrated Circuit Syst...
ICS8534-01 ICST-ICS8534-01 Datasheet
247Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
[Old version datasheet]   Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com