Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8534AY-01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8534AY-01
Description  LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8534AY-01 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8534AY-01 Datasheet HTML 2Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 3Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 4Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 5Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 6Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 7Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 8Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 9Page - Integrated Device Technology ICS8534AY-01 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ICS8534-01
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
6
ICS8534AY-01 REV. A DECEMBER 6, 2007
AC Electrical Characteristics
Table 5. VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 85°C
All parameters measured at fMAX unless noted otherwise.
Special thermal considerations may be required. See Applications Section.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65. Measured at the output differential cross points.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions at
the same temperature. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 5: Driving only one input clock.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
500
MHz
tPD
Propagation Delay; NOTE 1
ƒ
≤ 500MHz
2.0
3.0
ns
tsk(o)
Output Skew; NOTE 2, 3
100
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
700
ps
tjit
Buffer Additive Phase Jitter, RMS,
refer to Additive Phase Jitter
section; NOTE 5
Integration Range: 12kHz - 20MHz
0.4
ps
tR / tF
Output Rise/ Fall Time
20% to 80%
200
700
ps
tS
Setup Time
1
ns
tH
Hold Time
0.5
ns
odc
Output Duty Cycle
ƒ
≤ 266MHz
48
52
%
266 < ƒ
≤ 500MHz
46
54
%


Similar Part No. - ICS8534AY-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8534AY-01 ICST-ICS8534AY-01 Datasheet
247Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8534AY-01T ICST-ICS8534AY-01T Datasheet
247Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8534AY-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8534-01 RENESAS-8534-01 Datasheet
707Kb / 22P
   Low Skew, 1-to-22 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
logo
Integrated Circuit Syst...
ICS8534-01 ICST-ICS8534-01 Datasheet
247Kb / 17P
   LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
[Old version datasheet]   Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
logo
Integrated Circuit Syst...
ICS8531-01 ICST-ICS8531-01 Datasheet
145Kb / 13P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com