Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8308AGILF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS8308AGILF
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8308AGILF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS8308AGILF Datasheet HTML 5Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 6Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 7Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 8Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 9Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 10Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 11Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 12Page - Integrated Device Technology ICS8308AGILF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IDT/ ICSLVCMOS FANOUT BUFFER
9
ICS8308AGI REV. B OCTOBER 16, 2007
ICS8308I
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
OUTPUT RISE/FALL TIME
PROPAGATION DELAY
nCLK
CLK
Q0:Q7
t
PD
V
DDO
2
V
DDO
2
LVCMOS_
CLK
Clock
Outputs
0.8V
2V
2V
0.8V
tR
t F
Clock
Outputs
0.6V
1.8V
1.8V
0.6V
tR
t F
V
DD = VDDO = 3.3V
V
DD = VDDO = 2.5V or
V
DD = 3.3V, VDDO = 2.5V
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
Q0:Q7
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW


Similar Part No. - ICS8308AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8308AGILF ICST-ICS8308AGILF Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
ICS8308AGILFT ICST-ICS8308AGILFT Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
More results

Similar Description - ICS8308AGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8308I RENESAS-8308I Datasheet
375Kb / 17P
   Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
   Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8308I ICST-ICS8308I Datasheet
226Kb / 15P
   Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
   LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
   LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com