Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80949CLMC-G7KT2G Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-80949CLMC-G7KT2G
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80949CLMC-G7KT2G Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-80949CLMC-G7KT2G Datasheet HTML 4Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 5Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 6Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 7Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 8Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 9Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 10Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 11Page - Seiko Instruments Inc S-80949CLMC-G7KT2G Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-809xxC Series
Rev.3.3_00
Seiko Instruments Inc.
8
Electrical Characteristics
1. Nch Open-drain Output Products
Table 7
(Ta
=25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
*1
−VDET
−VDET(S)
×0.98
−VDET(S) −VDET(S)
×1.02
V
1
Hysteresis width
VHYS
S-80913 to 14
−VDET
×0.03
−VDET
×0.05
−VDET
×0.08
S-80915 to 60
−VDET
×0.03
−VDET
×0.05
−VDET
×0.07
Current consumption
ISS
VDD
=2.0 V
S-80913 to 14
1.0
2.5
µA
2
VDD
=3.5 V
S-80915 to 26
1.1
2.8
VDD
=4.5 V
S-80927 to 39
1.2
3.0
VDD
=6.0 V
S-80940 to 54
1.3
3.3
VDD
=7.5 V
S-80955 to 60
1.4
3.5
Operating voltage
VDD
0.7
10.0
V
1
Output current
IOUT
Output transistor
Nch, VDS
=0.5 V
VDD
=0.95 V
S-80913 to 14
0.23
0.
64
mA
3
VDD
=1.2 V
S-80915 to 60
0.59
1.36
VDD
=2.4 V
S-80927 to 60
2.88
4.98
Leakage current
ILEAK
Output transistor,
Nch, VDS
=10.0 V, VDD=10.0 V
0.1
µA
Delay time
tD
CD
=4.7 nF
VDD
=2.0 V
S-80913 to 14
2.7
3.6
4.5
ms
4
VDD
=3.5 V
S-80915 to 26
20
27
34
VDD
=4.5 V
S-80927 to 39
VDD
=6.0 V
S-80940 to 54
VDD
=7.5 V
S-80955 to 60
Detection voltage
temperature coefficient
*2
DET
DET
V
Ta
V
Ta
=−40°C to +85°C
±100
±350
ppm/
°C
1
*1.
−VDET: Actual detection voltage, −VDET(S): Specified detection voltage (The center value of detection voltage range in
Table 1.)
*2. The temperature change ratio in the detection voltage
[mV/°C] is calculated by using the following quation.
[]
()
[]
[] 1000
C
ppm/
V
Ta
V
V
Typ.
V
C
mV/
Ta
V
DET
DET
DET
DET
÷
°
×
=
°
3
*
2
*
*1
*1. Temperature change ratio of the detection voltage
*2. Specified detection voltage
*3. Detection voltage temperature coefficient


Similar Part No. - S-80949CLMC-G7KT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80949CLMC-G7KT2X ABLIC-S-80949CLMC-G7KT2X Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
More results

Similar Description - S-80949CLMC-G7KT2G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-809XXC ABLIC-S-809XXC Datasheet
615Kb / 37P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
Rev.4.1_02
logo
Seiko Instruments Inc
S-801 SII-S-801 Datasheet
336Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
S-80142ANMC-JC3T2G SII-S-80142ANMC-JC3T2G Datasheet
431Kb / 33P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-801 ABLIC-S-801 Datasheet
1Mb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR WITH DELAY CIRCUIT (INTERNAL DELAY TIME SETTING)
Rev.4.2_01
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
ABLIC Inc.
S-1009 ABLIC-S-1009 Datasheet
619Kb / 43P
   0.27uA CURRENT CONSUMPTION VOLTAGE DETECTOR WITH DELAY FUNCTION (EXTERNAL DELAY TIME SETTING
Rev.5.1_03
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com