Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS570GI-01LF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS570GI-01LF
Description  MULTIPLIER AND ZERO DELAY BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS570GI-01LF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS570GI-01LF Datasheet HTML 1Page - Integrated Device Technology ICS570GI-01LF Datasheet HTML 2Page - Integrated Device Technology ICS570GI-01LF Datasheet HTML 3Page - Integrated Device Technology ICS570GI-01LF Datasheet HTML 4Page - Integrated Device Technology ICS570GI-01LF Datasheet HTML 5Page - Integrated Device Technology ICS570GI-01LF Datasheet HTML 6Page - Integrated Device Technology ICS570GI-01LF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS570-01
MULTIPLIER AND ZERO DELAY BUFFER
ZDB AND MULTIPLIER
IDT™ / ICS™ MULTIPLIER AND ZERO DELAY BUFFER
2
ICS570-01
REV B 072706
Pin Assignment
Pin Descriptions
Clock Multiplier Table
Note: For selections marked “M”, the pin is left floating.
ICLK
GND
VDD
VDD
FBIN
S1
1
2
3
4
8
7
6
5
CLKOUT
S0
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock input.
2
S0
Input
Select pin 0 for output clock. Connect to GND, VDD, or float per multiplier table.
3
GND
Power
Connect to ground.
4
FBIN
Input
Feedback clock input.
5
CLKOUT
Output
Clock output with 5x multiplier.
6
VDD
Power
Connect to 3.3 V supply.
7
VDD
Power
Connect to 3.3 V supply.
8
S1
Input
Select pin 1 for output clock. Connect to GND, VDD, or float per multiplier table.
S1
S0
Multiplier
ICLK Range
0
0
4x
7 - 24 MHz
0
M
5.333x
8 - 20 MHz
0
1
5x
7 - 22 MHz
M
0
2.5x
11 - 44 MHz
M
M
2x
13 - 55 MHz
M
1
3.333x
10 - 33 MHz
1
0
6x
7 - 18 MHz
1
M
3x
11 - 37 MHz
1
1
8x
5 - 13 MHz


Similar Part No. - ICS570GI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
logo
Integrated Device Techn...
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
   8-pin SOIC package
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
ICS570A ICST-ICS570A Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
ICS570AI ICST-ICS570AI Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
More results

Similar Description - ICS570GI-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
   Multiplier and Zero Delay Buffer
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
   MULTIPLIER AND ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
   Frequency Multiplier and Zero Delay Buffer
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
   Frequency Multiplier and Zero Delay Buffer
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
   Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
   ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com