Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS501-DPK Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS501-DPK
Description  LOCO??PLL CLOCK MULTIPLIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS501-DPK Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS501-DPK Datasheet HTML 1Page - Integrated Device Technology ICS501-DPK Datasheet HTML 2Page - Integrated Device Technology ICS501-DPK Datasheet HTML 3Page - Integrated Device Technology ICS501-DPK Datasheet HTML 4Page - Integrated Device Technology ICS501-DPK Datasheet HTML 5Page - Integrated Device Technology ICS501-DPK Datasheet HTML 6Page - Integrated Device Technology ICS501-DPK Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ICS501B
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER
5
ICS501B
REV D 120307
AC Electrical Characteristics
VDD = 5.0 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
7.5
MHz
Input Frequency, clock input
FIN
0.5
7.5
MHz
Output Frequency, VDD = 5.0 V ±5%
FOUT
0
° C to +70° C4
15
MHz
-40
° C to +85° C4
15
MHz
Output Frequency, VDD = 3.3 V ±5%
FOUT
0
° C to +70° C4
15
MHz
-40
° C to +85° C4
15
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V, Note 1
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V, Note 1
1
ns
Output Clock Duty Cycle
tOD
1.5 V, up to 25 MHz
45
49-51
55
%
PLL Bandwidth
10
kHz
Output Enable Time, OE high to
output on
50
ns
Output Disable Time, OE low to
tri-state
50
ns
Absolute Clock Period Jitter
tja
Deviation from
mean, Note 1
+70
ps
One Sigma Clock Period Jitter
tjs
Note 1
25
ps


Similar Part No. - ICS501-DPK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS501-DPK ICST-ICS501-DPK Datasheet
122Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
ICS501-DPK ICST-ICS501-DPK Datasheet
113Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
ICS501-DPK ICST-ICS501-DPK Datasheet
113Kb / 6P
   LOCO??PLL CLOCK MULTIPLIER
More results

Similar Description - ICS501-DPK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
   LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
   LOCO??PLL Clock Multiplier
logo
Integrated Device Techn...
ICS511 IDT-ICS511 Datasheet
150Kb / 11P
   LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com