Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-817B51AY-X-G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-817B51AY-X-G
Description  SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-817B51AY-X-G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-817B51AY-X-G Datasheet HTML 5Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 6Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 7Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 8Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 9Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 10Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 11Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 12Page - Seiko Instruments Inc S-817B51AY-X-G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.4.2_00
S-817 Series
Seiko Instruments Inc.
9
Electrical Characteristics
1. S-817A series
Table 9
(Ta
=25°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Units
Measur-
ement
circuits
Output voltage
*1
VOUT(E)
VIN
=VOUT(S)+2 V, IOUT=10 mA
VOUT(S)
× 0.98
VOUT(S)
VOUT(S)
× 1.02
V
1
Output current
*2
IOUT
VOUT(S)
+2 V 1.1 V ≤ VOUT(S) ≤ 1.9 V
20
mA
3
≤ VIN≤10 V 2.0 V ≤ VOUT(S) ≤ 2.9 V
35
3.0 V
≤ VOUT(S) ≤ 3.9 V
50
4.0 V
≤ VOUT(S) ≤ 4.9 V
65
5.0 V
≤ VOUT(S) ≤ 6.0 V
75
Dropout voltage
*3
Vdrop
IOUT
= 10 mA1.1 V ≤ VOUT(S) ≤ 1.4 V
0.92
1.58
V
1
1.5 V
≤ VOUT(S) ≤ 1.9 V
0.58
0.99
2.0 V
≤ VOUT(S) ≤ 2.4 V
0.40
0.67
2.5 V
≤ VOUT(S) ≤ 2.9 V
0.31
0.51
3.0 V
≤ VOUT(S) ≤ 3.4 V
0.25
0.41
3.5 V
≤ VOUT(S) ≤ 3.9 V
0.22
0.35
4.0 V
≤ VOUT(S) ≤ 4.4 V
0.19
0.30
4.5 V
≤ VOUT(S) ≤ 4.9 V
0.18
0.27
5.0 V
≤ VOUT(S) ≤ 5.4 V
0.16
0.25
5.5 V
≤ VOUT(S) ≤ 6.0 V
0.15
0.23
Line regulation 1
∆ VOUT1
VOUT(S)
+ 1 V ≤ VIN ≤ 10 V,
IOUT
= 1 mA
5
20
mV
Line regulation 2
∆ VOUT2
VOUT(S)
+ 1 V ≤ VIN ≤ 10 V,
IOUT
= 1 µA
5
20
Load regulation
∆ VOUT3
VIN
=VOUT(S)+
2 V
1.1 V
≤ VOUT(S) ≤ 1.9 V,
1
µA ≤ IOUT ≤ 10 mA
5
20
2.0 V
≤ VOUT(S) ≤ 2.9 V,
1
µA ≤ IOUT ≤ 20 mA
10
30
3.0 V
≤ VOUT(S) ≤ 3.9 V,
1
µA ≤ IOUT ≤ 30 mA
20
45
4.0 V
≤ VOUT(S) ≤ 4.9 V,
1
µA ≤ IOUT ≤ 40 mA
25
65
5.0 V
≤ VOUT(S) ≤ 6.0 V,
1
µA ≤ IOUT ≤ 50 mA
35
80
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
VIN
= VOUT(S) + 1 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ 85°C
±100
ppm
/
°C
Current consumption
ISS
VIN
= VOUT(S) + 2 V, no load
1.2
2.5
µA
2
Input voltage
VIN
10
V
1
Short current limit
IOS
VIN
= VOUT(S) + 2 V, VOUT pin = 0 V
40
mA
3
*1.
VOUT(S)
: Specified output voltage
VOUT(E)
: Effective output voltage
i.e., the output voltage when fixing IOUT(
=10 mA) and inputting VOUT(S)+2.0 V.
*2.
Output current at which output voltage becomes 95
% of VOUT(E) after gradually increasing output current.
*3.
Vdrop
= VIN1−(VOUT(E) × 0.98), where VIN1 is the Input voltage at which output voltage becomes 98% of VOUT(E)
after gradually decreasing input voltage.
*4.
Temperature change ratio for the output voltage [mV/°C] is calculated using the following equation.
[]
[ ]
[] 1000
C
ppm/
V
Ta
V
V
V
C
mV/
Ta
V
OUT
OUT
OUT(S)
OUT
÷
°
×
=
°
3
*
2
*
1
*
*1.
Temperature change ratio of the output voltage
*2.
Specified output voltage
*3.
Output voltage temperature coefficient


Similar Part No. - S-817B51AY-X-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817B51AY-X SII-S-817B51AY-X Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results

Similar Description - S-817B51AY-X-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
RICOH electronics devic...
RQ5RW RICOH-RQ5RW Datasheet
173Kb / 23P
   SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com